Electronic Components Datasheet Search
  English  ▼

X  

TS30021 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # TS30021
Description  High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS30021 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button TS30021 Datasheet HTML 9Page - List of Unclassifed Manufacturers TS30021 Datasheet HTML 10Page - List of Unclassifed Manufacturers TS30021 Datasheet HTML 11Page - List of Unclassifed Manufacturers TS30021 Datasheet HTML 12Page - List of Unclassifed Manufacturers TS30021 Datasheet HTML 13Page - List of Unclassifed Manufacturers TS30021 Datasheet HTML 14Page - List of Unclassifed Manufacturers TS30021 Datasheet HTML 15Page - List of Unclassifed Manufacturers TS30021 Datasheet HTML 16Page - List of Unclassifed Manufacturers TS30021 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
TRIUNE SYSTEMS PROPRIETARY & CONFIDENTIAL INFORMATION
- 13 -
TS30021/22/23
Version 1.5
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2013, Triune Systems, LLC
TYPICAL APPLICATION SCHEMATIC
VCC
EN
PG
BST
VSW
FBSW
FBLDO
VOLDO
Lout
Cout
VOUT
CBST
VOUT_LDO
Cout_LDO
PG
RTOP
RBOT
(Optional)
10k
W
VOUT
Adjustable Switcher Output
VCC
Cbypass
EN
RTOPSW
RBOTSW
VLDO
VLDO
Cbypass-LDO
Figure 22: TS30021/22/23 Application Schematic
A minimal schematic suitable for most applications is shown on page 1. Figure 22 includes optional
components that may be considered to address specific issues as listed in the External Component
Selection section.
PCB LAYOUT
For proper operation and minimum EMI, care must be taken during PCB layout. An improper layout can lead to issues such as
poor stability and regulation, noise sensitivity and increased EMI radiation. The main guidelines are the following:
provide low inductive and resistive paths for loops with high di/dt,
provide low capacitive paths with respect to all the other nodes for traces with high di/dt,
sensitive nodes not assigned to power transmission should be referenced to the analog signal ground (GND) and be
always separated from the power ground (PGND).
The negative ends of CBYPASS, COUT and the Schottky diode DCATCH (optional) should be placed close to each other and connected
using a wide trace. Vias must be used to connect the PGND node to the ground plane. The PGND node must be placed as close as
possible to the TS30021/22/23 PGND pins to avoid additional voltage drop in traces.
The bypass capacitor CBYPASS (optionally paralleled to a 0.1µF capacitor) must be placed close to the VCC pins of
TS30021/22/23.
The inductor must be placed close to the VSW pins and connected directly to COUT in order to minimize the area between the
VSW pin, the inductor, the COUT capacitor and the PGND pins. The trace area and length of the switching nodes VSW and BST
should be minimized.
For the adjustable output voltage version of the TS30021/22/23, feedback resistors RBOTSW and RTOPSW are required for Vout
settings greater than 0.8V and should be placed close to the TS30021/22/23 in order to keep the traces of the sensitive node FB
as short as possible and away from switching signals. RBOTSW should be connected to the analog ground pin (GND) directly and
should never be connected to the ground plane. The analog ground trace (GND) should be connected in only one point to the
power ground (PGND). A good connection point is under the TS30021/22/23 package to the exposed thermal pad and vias
which are connected to PGND. RTOPSW will be connected to the VOUT node using a trace that ends close to the actual load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com