Electronic Components Datasheet Search
  English  ▼

X  

ATS640JSB Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ATS640JSB
Description  TRUE ZERO-SPEED HALL-EFFECT GEAR-TOOTH SENSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS640JSB Datasheet(HTML) 2 Page - Allegro MicroSystems

  ATS640JSB Datasheet HTML 1Page - Allegro MicroSystems ATS640JSB Datasheet HTML 2Page - Allegro MicroSystems ATS640JSB Datasheet HTML 3Page - Allegro MicroSystems ATS640JSB Datasheet HTML 4Page - Allegro MicroSystems ATS640JSB Datasheet HTML 5Page - Allegro MicroSystems ATS640JSB Datasheet HTML 6Page - Allegro MicroSystems ATS640JSB Datasheet HTML 7Page - Allegro MicroSystems ATS640JSB Datasheet HTML 8Page - Allegro MicroSystems ATS640JSB Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
ATS622LSB
TRUE ZERO-SPEED,
GEAR-TOOTH SENSOR
2
Copyright © 2002, 2003 Allegro MicroSystems, Inc.
FUNCTIONAL BLOCK DIAGRAM
600
400
200
40
80
120
160
0
AMBIENT TEMPERATURE IN
°°°°C
Dwg. GH-065-6
60
100
140
180
20
800
1000
RθJA = 147
°C/W
CONTINUOUS
100
HOURS
MAX.
SUPPLY
1
REG
UVLO
POWER-ON
LOGIC
–
+
REF
NO (INTERNAL)
CONNECTION
3
E2
MAGNET
E1
X
X
–
+
Dwg. FH-019-3
GROUND
4
OUTPUT
2
–
+
–
+
POSITIVE PEAK
DIGITAL PROC.
NEGATIVE PEAK
DIGITAL PROC.
32 V
THRESHOLD
COMPARATORS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com