Electronic Components Datasheet Search
  English  ▼

X  

MP2357DT Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2357DT
Description  0.5A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2357DT Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2357DT Datasheet HTML 1Page - Monolithic Power Systems MP2357DT Datasheet HTML 2Page - Monolithic Power Systems MP2357DT Datasheet HTML 3Page - Monolithic Power Systems MP2357DT Datasheet HTML 4Page - Monolithic Power Systems MP2357DT Datasheet HTML 5Page - Monolithic Power Systems MP2357DT Datasheet HTML 6Page - Monolithic Power Systems MP2357DT Datasheet HTML 7Page - Monolithic Power Systems MP2357DT Datasheet HTML 8Page - Monolithic Power Systems MP2357DT Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MP2357
– 0.5A, 24V, 1.4MHz STEP-DOWN CONVERTER IN A TSOT23-6
MP2357 Rev. 1.0
www.MonolithicPower.com
2
6/13/2013
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Temperature
MP2357DJ
TSOT23-6
IL2YW
–40
C to +85C
MP2357DT
SOT23-6
IL3YW
* For Tape & Reel, add suffix –Z (eg. MP2357DJ–Z). For RoHS Compliant Packaging, add suffix –LF (eg.
MP2357DJ
–LF–Z)
PACKAGE REFERENCE
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage VIN .......................................26V
VSW ......................................–0.3V to VIN + 0.3V
VBS ......................................................VSW + 6V
All Other Pins................................
–0.3V to +6V
Continuous Power Dissipation (TA = +25°C)
(2)
TSOT23-6
………………………..………....0.57W
SOT23-6...
……………………….………....0.57W
Junction Temperature .............................. 150
C
Lead Temperature ................................... 260
C
Storage Temperature..............
–65
C to +150C
Recommended Operating Conditions
(3)
Supply Voltage VIN .......................... 4.5V to 24V
Output Voltage VOUT...................... 0.81V to 15V
Operating Temperature.............
–40
C to +85C
Thermal Resistance
(4)
θJA
θJC
TSOT23-6 ............................. 220 .... 110..
C/W
SOT23-6 ............................... 220 .... 110..
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com