Electronic Components Datasheet Search
  English  ▼

X  

MP2371DG Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2371DG
Description  1.8A, 24V, 700KHz Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2371DG Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2371DG Datasheet HTML 1Page - Monolithic Power Systems MP2371DG Datasheet HTML 2Page - Monolithic Power Systems MP2371DG Datasheet HTML 3Page - Monolithic Power Systems MP2371DG Datasheet HTML 4Page - Monolithic Power Systems MP2371DG Datasheet HTML 5Page - Monolithic Power Systems MP2371DG Datasheet HTML 6Page - Monolithic Power Systems MP2371DG Datasheet HTML 7Page - Monolithic Power Systems MP2371DG Datasheet HTML 8Page - Monolithic Power Systems MP2371DG Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP2371
1.8A, 24V, 700KHz
Step-Down Converter
MP2371 Rev. 1.0
www.MonolithicPower.com
1
5/26/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2371 is a monolithic step-down switch
mode converter with a built-in internal power
MOSFET. It achieves 1.8A continuous output
current over a wide input supply range with
excellent load and line regulation. Current mode
operation provides fast transient response and
eases
loop
stabilization.
Fault
condition
protection includes cycle-by-cycle current limiting
and thermal shutdown.
The MP2371 requires a minimum number of
readily available standard external components.
The MP2371 is available in a 2mm x 2mm QFN8
package.
FEATURES
• 2.5A Peak Output Current
• 1.8A Continuous Output Current
• 0.3Ω Internal Power MOSFET Switch
• Stable with Low ESR Output Ceramic
Capacitors
• 0.1µA Shutdown Mode
• Fixed 700KHz Frequency
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Wide 4.5V to 24V Operating Input Range
• Output Adjustable from 0.81V to 15V
• Available in 2x2 QFN8 Package
APPLICATIONS
•
Broadband Communications Equipment
•
Digital Entertainment Systems
•
Distributed Power Systems
•
Battery Charger
•
Pre-Regulator for Linear Regulators
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
EN
D3
VOUT
GND
VIN
GND
BST
IN
FB
SW
GND
EN
7
6
3
4
2
5
VIN
IOUT_MAX=1.8


Similar Part No. - MP2371DG

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2370 MPS-MP2370 Datasheet
491Kb / 8P
1.2A, 24V, 1.4MHz Step-Down White LED Driver in a TSOT23-6
MP23701 MPS-MP23701 Datasheet
547Kb / 15P
24V, 2A, 1.5MHz, Synchronous, Step-Down LED Driver
3/22/2019 Rev. 1.0
MP23701GQEU MPS-MP23701GQEU Datasheet
547Kb / 15P
24V, 2A, 1.5MHz, Synchronous, Step-Down LED Driver
3/22/2019 Rev. 1.0
MP23701GQEU-Z MPS-MP23701GQEU-Z Datasheet
547Kb / 15P
24V, 2A, 1.5MHz, Synchronous, Step-Down LED Driver
3/22/2019 Rev. 1.0
MP2370DJ MPS-MP2370DJ Datasheet
491Kb / 8P
1.2A, 24V, 1.4MHz Step-Down White LED Driver in a TSOT23-6
More results

Similar Description - MP2371DG

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2360 MPS-MP2360 Datasheet
343Kb / 8P
1.8A, 24V, 1.4MHz Step-Down Converter
logo
Microsemi Corporation
LX1918 MICROSEMI-LX1918 Datasheet
243Kb / 9P
1.8A Step-Down Synchronous Converter
logo
Diodes Incorporated
AP1533 DIODES-AP1533 Datasheet
160Kb / 8P
PWM CONTROL 1.8A STEP-DOWN CONVERTER
AP1533 Rev. 1
logo
Infineon Technologies A...
TLD5085EJ INFINEON-TLD5085EJ_1 Datasheet
1Mb / 16P
1.8A DC/DC Step-Down Converter
Rev. 1.1, 2009-12-16
logo
Diodes Incorporated
AP1533 DIODES-AP1533_09 Datasheet
264Kb / 9P
PWM CONTROL 1.8A STEP-DOWN CONVERTER
AP1533 Rev. 4
logo
Richtek Technology Corp...
RT8258 RICHTEK-RT8258 Datasheet
401Kb / 12P
1.2A, 24V, 700kHz Step-Down Converter
RT8260A RICHTEK-RT8260A Datasheet
197Kb / 12P
1.8A, 24V, 1.4MHz Step-Down Converter
logo
Monolithic Power System...
MP2270 MPS-MP2270 Datasheet
411Kb / 10P
1.8A, 24V, 700kHz Step-Down Converter
MP28368 MPS-MP28368 Datasheet
336Kb / 8P
1.8A, 24V, 1.4MHz Step-Down Converter
logo
Infineon Technologies A...
TLD5085EJ INFINEON-TLD5085EJ_15 Datasheet
528Kb / 19P
1.8A DC/DC Step-Down Converter
Revision 1.1 2015-03-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com