Electronic Components Datasheet Search
  English  ▼

X  

MP2403DN Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2403DN
Description  3A, 32V, 250kHz Integrated Synchronous Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2403DN Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2403DN Datasheet HTML 5Page - Monolithic Power Systems MP2403DN Datasheet HTML 6Page - Monolithic Power Systems MP2403DN Datasheet HTML 7Page - Monolithic Power Systems MP2403DN Datasheet HTML 8Page - Monolithic Power Systems MP2403DN Datasheet HTML 9Page - Monolithic Power Systems MP2403DN Datasheet HTML 10Page - Monolithic Power Systems MP2403DN Datasheet HTML 11Page - Monolithic Power Systems MP2403DN Datasheet HTML 12Page - Monolithic Power Systems MP2403DN Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
MP2403 – 3A, 32V, 250kHz INTEGRATED SYNCHRONOUS STEP-DOWN CONVERTER
MP2403 Rev.1.0
www.MonolithicPower.com
12
4/20/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PCB Layout Guide
PCB layout is very important to achieve stable
operation. It is highly recommended to duplicate
EVB layout for optimum performance.
If change is necessary, please follow these
guidelines and take Figure 4 for reference.
1) Keep the path of switching current short and
minimize the loop area formed by Input cap,
high-side MOSFET and low-side MOSFET.
2)
Bypass ceramic capacitors are suggested
to be put close to the Vin Pin.
3) Ensure all feedback connections are short
and direct. Place the feedback resistors
and compensation components as close to
the chip as possible.
4) Rout SW away from sensitive analog areas
such as FB.
5) Connect IN, SW, and especially GND
respectively to a large copper area to cool
the chip to improve thermal performance
and long-term reliability.
INPUT
4.75V to 23V
OUTPUT
C1
C2
R4
C4
C3
D1
(optional)
C5
L1
R3
R2
R1
MP2403
BS
IN
FB
SW
SS
GND
COMP
EN
1
2
3
5
6
4
8
7
MP2403 Typical Application Circuit
L1
C4
R4
C3
R3
PGND
R1
R1
C5
D1
C2
PGND
C1
R2
SGND
Top Layer
Bottom Layer
Figure 4—MP2403 Typical Application Circuit and PCB Layout Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com