Electronic Components Datasheet Search
  English  ▼

X  

STR-F6626 Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # STR-F6626
Description  OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR-F6626 Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button STR-F6626 Datasheet HTML 8Page - Allegro MicroSystems STR-F6626 Datasheet HTML 9Page - Allegro MicroSystems STR-F6626 Datasheet HTML 10Page - Allegro MicroSystems STR-F6626 Datasheet HTML 11Page - Allegro MicroSystems STR-F6626 Datasheet HTML 12Page - Allegro MicroSystems STR-F6626 Datasheet HTML 13Page - Allegro MicroSystems STR-F6626 Datasheet HTML 14Page - Allegro MicroSystems STR-F6626 Datasheet HTML 15Page - Allegro MicroSystems STR-F6626 Datasheet HTML 16Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Series STR-F6600
OFF-LINE
QUASI-RESONANT FLYBACK
SWITCHING REGULATORS
13
10
0.1
0.001
1 m
POWER PULSE DURATION in SECONDS
0.01
1.0
0.0001
10 n
10
µ
10 m
100 m
100
µ
100 n
1
µ
STR-F6654
STR-F6656
STR-F6652
STR-F6653
10
0.1
0.001
1 m
POWER PULSE DURATION in SECONDS
0.01
1.0
0.0001
10 n
10
µ
10 m
100 m
STR-F6672
100
µ
100 n
1
µ
STR-F6676
STR-F665x
STR-F667x
Transient Thermal Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com