Electronic Components Datasheet Search
  English  ▼

X  

AY0438 Datasheet(PDF) 3 Page - Microchip Technology

Part # AY0438
Description  32-Segment CMOS LCD Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AY0438 Datasheet(HTML) 3 Page - Microchip Technology

  AY0438 Datasheet HTML 1Page - Microchip Technology AY0438 Datasheet HTML 2Page - Microchip Technology AY0438 Datasheet HTML 3Page - Microchip Technology AY0438 Datasheet HTML 4Page - Microchip Technology AY0438 Datasheet HTML 5Page - Microchip Technology AY0438 Datasheet HTML 6Page - Microchip Technology AY0438 Datasheet HTML 7Page - Microchip Technology AY0438 Datasheet HTML 8Page - Microchip Technology AY0438 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
© 1995 Microchip Technology Inc.
DS70010I-page 3
AY0438
1.3
LCD
φ
LCD
φ can be driven by an external signal or by con-
necting a capacitor between LCD
φ and ground (GND),
which will enable the on-chip oscillator required to gen-
erate the backplane output voltage. Figure 5 shows the
relationship between capacitance value and output fre-
quency. Leaving the LCD
φ input unconnected is not
recommended. When driven by an external clock, the
backplane output is in phase with the input clock. When
cascading
two
AY0438
devices
(Figure 6
and
Figure 7), the backplane output can be generated
using a capacitor to GND on the first AY0438. This
backplane output can then be connected to the LCD
φ
input of the second AY0438. The backplane output of
the second device is then used to drive the backplane
of the LCD module.
FIGURE 5: OSCILLATOR FREQUENCY
GRAPH (TYPICAL @ 25
°C)
140
120
100
80
60
40
0
20
40
60
80
100
120
CL (pF)
FIGURE 6: CASCADING TWO AY0438 DEVICES
FIGURE 7: CASCADE TIMING DIAGRAM
32 Latches
Clock
Load
Data
1 to 32
32 Segment Drivers
LCD AC
Generator
32-bit Static Shift Register
32 Latches
Data
Backplane
output
32 Segment Drivers
LCD AC
Generator
32-bit Static Shift Register
out
Data
in
Outputs
Data
in
Clock
Load
Clock
Load
out
Backplane
output
LCD
Φ
LCD
Φ
33 to 64
Outputs
START
CLOCK
Data in
Data out
Load
1/f
tDS
tDH
tPD
64
1
tPW
63
SEG 64
SEG 2
SEG 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com