Electronic Components Datasheet Search
  English  ▼

X  

MP2480 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2480
Description  5V, 36V Input, 3A High Power LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2480 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2480 Datasheet HTML 4Page - Monolithic Power Systems MP2480 Datasheet HTML 5Page - Monolithic Power Systems MP2480 Datasheet HTML 6Page - Monolithic Power Systems MP2480 Datasheet HTML 7Page - Monolithic Power Systems MP2480 Datasheet HTML 8Page - Monolithic Power Systems MP2480 Datasheet HTML 9Page - Monolithic Power Systems MP2480 Datasheet HTML 10Page - Monolithic Power Systems MP2480 Datasheet HTML 11Page - Monolithic Power Systems MP2480 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MP2480 – 36V INPUT, 3A HIGH POWER LED DRIVER
MP2480 Rev. 1.01
www.MonolithicPower.com
10
1/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the LED Current
RFB is connected in series to the LEDs and sets
the LED current, ILED. The FB pin connects to
the voltage on the sensing resistor RFB, where.
FB
LED
FB
V
I
R
=
For example, for ILED = 700mA, RFB = 286mΩ.
Inductor Selection and Frequency Setting
The inductor L supplies a constant current to
the LED. The inductor value is related to the
switching frequency (fs) setting:
IN
OUT
OUT
s
IN
LED
(V
V
) V
f
VL I
25%
−⋅
=
⋅⋅
⋅
Where VIN is the input voltage, and VOUT is the
output voltage that drives the LEDs. A larger-
value inductor will result in smaller switching
frequency.
The peak inductor current is about:
LP
LED
I
I
1.125
=⋅
Choose an inductor that will not saturate under
the maximum inductor peak current.
Output Rectifier Diode
The output rectifier diode supplies the current to
the inductor when the high-side switch is off. To
reduce losses due to the diode’s forward
voltage and recovery times, use a Schottky
diode.
The RMS current through the diode is about:
OUT
DLED
IN
V
II
1
V
=⋅
−
Choose a diode with a maximum reverse
voltage rating greater than the maximum input
voltage, and a current rating greater than the
maximum diode current.
Input Capacitor CIN
The input current to the step-down converter is
discontinuous,
and
therefore
requires
a
capacitor to supply the AC current to the step-
down converter and maintain the DC input
voltage. Use low-ESR capacitors for best
performance, especially for high-switching–
frequency applications.
The RMS current through the input capacitor is
about:
OUT
DLED
IN
V
II
V
=⋅
’
With low ESR capacitors, the input voltage
ripple can be estimated as:
OUT
OUT
LED
IN
sIN
IN
IN
VV
I
V1
fC
V
V
⎛⎞
Δ=
×
× −
⎜⎟
×
⎝⎠
Choose the input capacitor with a high-enough
RMS current rating and enough capacitance for
a small input-voltage ripple.
Include a small high-quality ceramic capacitor
(0.1μF) placed as close to the IC as possible
when using electrolytic or tantalum capacitors.
Output Capacitor COUT
The output capacitor (COUT) is not necessary to
reduce the LED ripple current: The LED ripple
current (peak-to-peak value) is about 15% of
the LED DC current. However, the output
capacitor can be used to further reduce the
LED ripple current. Use low-ESR capacitors to
limit the output ripple voltage. The output ripple
voltage can be estimated by:
OUT
OUT
OUT
ESR
SIN
S
OUT
VV
1
V1
R
fL
V
8 f
C
⎛⎞
⎛⎞
Δ=
×
−
×
+
⎜⎟
⎜⎟
×× ×
⎝⎠ ⎝⎠
Where RESR is the equivalent series resistance
(ESR) value of the output capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com