Electronic Components Datasheet Search
  English  ▼

X  

MP2483 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2483
Description  2.5A, 55V, Programmable Frequency White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2483 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2483 Datasheet HTML 5Page - Monolithic Power Systems MP2483 Datasheet HTML 6Page - Monolithic Power Systems MP2483 Datasheet HTML 7Page - Monolithic Power Systems MP2483 Datasheet HTML 8Page - Monolithic Power Systems MP2483 Datasheet HTML 9Page - Monolithic Power Systems MP2483 Datasheet HTML 10Page - Monolithic Power Systems MP2483 Datasheet HTML 11Page - Monolithic Power Systems MP2483 Datasheet HTML 12Page - Monolithic Power Systems MP2483 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MP2483 – 2.5A, 55V, PROGRAMABLE FREQUENCY WHITE LED DRIVER
MP2483 Rev. 1.0
www.MonolithicPower.com
9
12/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OPERATION
The MP2483 is a current mode regulator. The
EA output voltage is proportional to the peak
inductor current.
At the beginning of a cycle, M1 is off. The EA
output voltage is higher than the current sense
amplifier output, and the current comparator’s
output is low. The rising edge of the 1.35MHz
CLK signal sets the RS Flip-Flop. Its output
turns on M1 thus connecting the SW pin and
inductor to the input supply.
The increasing inductor current is sensed and
amplified by the Current Sense Amplifier. Ramp
compensation is summed to the Current Sense
Amplifier output and compared to the Error
Amplifier output by the PWM Comparator.
When the sum of the Current Sense Amplifier
output and the Slope Compensation signal
exceeds the EA output voltage, the RS Flip-
Flop is reset and M1 is turned off. The external
Schottky rectifier diode (D1) conducts the
inductor current.
If the sum of the Current Sense Amplifier output
and the Slope Compensation signal does not
exceed the EA output for a whole cycle, then
the falling edge of the CLK resets the Flip-Flop.
The output of the Error Amplifier integrates the
voltage difference between the feedback and
the 0.198V reference. The polarity is a FB pin
voltage lower than 0.198V increases the EA
output voltage. Since the EA output voltage is
proportional to the peak inductor current, an
increase in its voltage also increases the
current delivered to the output.
Open LED Protection
If the LED is open, there is no voltage on the
FB pin. The duty cycle will increase until OVP-
VSS reaches the shutdown threshold set by the
external resistor divider. The top switch will be
turned off till the voltage OVP-VSS decreases
sufficiently.
Dimming Control
The MP2483 allows both DC and PWM
dimming. When the voltage on EN is less than
0.6V, the chip is turned off. For analog dimming,
when the voltage on EN is from 0.7V to 1.4V,
the LED current will change from 0% to 100%
of the maximum LED current. If the voltage on
EN pin is higher than 1.4V, maximum LED
current will be generated. For PWM dimming,
its amplitude (VDIM – VINGND) must exceed
1.4V. The PWM frequency is recommended in
range of 100Hz to 2kHz to get a good dimming
linearity.
Output Short Circuit Protection
The MP2483 integrates output short circuit
protection. When the output is shorted to VSS,
the voltage on OVP pin which detects the
output voltage gets smaller than 0.4V, and FB
pin senses no voltage (<0.1V) as no current
goes through the WLED. At this condition, the
operating frequency is folded back to decrease
the power consumption.
In Buck-boost application, when there is
possibility that the LED+ short circuit to VSS, it
is recommended to add a diode from VSS to
INGND to protect the IC, as shown in below
Figure 2 .
VDD
OVP
BST
SW
FB
RSET
COMP
VSS
INGND
EN/DIM
OFF ON
L1
4.7
C3
100nF
D1
B360A
C2
2.2
C1
10
VIN
VIN-VSS<55V
C4
1nF
DC or PWM Input
R1
R2
R3
C5
1nF
R4
VSS
D2
Figure 2—Buck-boost Application When
LED+ Possibly Short to VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com