Electronic Components Datasheet Search
  English  ▼

X  

MP2487DN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2487DN
Description  55V, 1A High Power LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2487DN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2487DN Datasheet HTML 1Page - Monolithic Power Systems MP2487DN Datasheet HTML 2Page - Monolithic Power Systems MP2487DN Datasheet HTML 3Page - Monolithic Power Systems MP2487DN Datasheet HTML 4Page - Monolithic Power Systems MP2487DN Datasheet HTML 5Page - Monolithic Power Systems MP2487DN Datasheet HTML 6Page - Monolithic Power Systems MP2487DN Datasheet HTML 7Page - Monolithic Power Systems MP2487DN Datasheet HTML 8Page - Monolithic Power Systems MP2487DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MP2487
55V, 1A
High Power LED Driver
MP2487 Rev. 1.0
www.MonolithicPower.com
1
9/22/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2487 is a fixed frequency step-down
switching regulator to deliver a constant current
of up to 1A to high power LEDs. It integrates a
high-side, high voltage power MOSFET with a
current limit of 1.5A. The wide 4.5V to 55V input
range accommodates a variety of step-down
applications, making it ideal for automotive,
industry and general lighting applications. Peak
current mode control and 200mV reference are
applied
for
fast
loop
response,
easy
compensation
and
accurate
LED
current
regulation.
The
switching
frequency
is
programmable with an external resistor up to
200kHz,
which
can
prevent
EMI
(Electromagnetic Interference) noise problems.
The thermal shut down provides reliable, fault
tolerant operations. A 12µA quiescent current in
shutdown mode allows its use in battery-
powered applications.
The MP2487 is available in a SOIC8E package.
FEATURES
• Wide 4.5V to 55V Operating Input Range
• 220mΩ Internal Power MOSFET
• Up to 200kHz Programmable Switching
Frequency
• 130μA Quiescent Current
• Ceramic Capacitor Stable
• Internal Soft-Start
• Up to 97.5% Efficiency
• 200mV
Reference
Voltage
for
High
Efficiency
• Available in a SOIC8E Package
APPLICATIONS
• High Power LED Driver
• Automotive, and General Lighting
• Constant Source
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP2487
COMP
FB
FREQ
EN
VIN
GND
SW
BST
VIN
8V to 55V
CONTROL
CIN
CCOM1
CCOM2
D1
LED-
LED+
CBST
COUT
L1
RFB
RFREQ
CFREQ
RCOM
Efficiency vs. Input Voltage
10 WLED@330mA
INPUT VOLTAGE(V)
90
92
94
96
98
100
30
35
40
45
50
55
60


Similar Part No. - MP2487DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2487DN MPS-MP2487DN Datasheet
167Kb / 5P
High voltage White LED Driver Evaluation Board
More results

Similar Description - MP2487DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2488 MPS-MP2488 Datasheet
231Kb / 14P
200kHz, 55V Input, 2A High Power LED Driver
MP4688 MPS-MP4688 Datasheet
477Kb / 11P
80V Input, 1A High Power LED Driver
MP4689 MPS-MP4689 Datasheet
422Kb / 10P
100V Input, 1A High Power LED Driver
MP24183 MPS-MP24183 Datasheet
442Kb / 12P
1A, 55V, Programmable Frequency White LED Driver
MP4689A MPS-MP4689A Datasheet
697Kb / 10P
100V Input, 1A, High-Power LED Driver
EV4688DN-00A MPS-EV4688DN-00A Datasheet
152Kb / 3P
80V Input 1A High Power LED Driver
EV4689DN-00A MPS-EV4689DN-00A Datasheet
238Kb / 5P
100V Input 1A High Power LED Driver
EV24183DQ-00B MPS-EV24183DQ-00B Datasheet
170Kb / 5P
1A, 55V, Programmable Frequency White LED Driver Evaluation Board
EV24183DQ-00C MPS-EV24183DQ-00C Datasheet
259Kb / 5P
1A, 55V, Programmable Frequency White LED Driver Evaluation Board
logo
Unisonic Technologies
L3010 UTC-L3010_16 Datasheet
193Kb / 6P
1A HIGH POWER LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com