Electronic Components Datasheet Search
  English  ▼

X  

DSPIC30F2010 Datasheet(PDF) 139 Page - Microchip Technology

Part # DSPIC30F2010
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2010 Datasheet(HTML) 139 Page - Microchip Technology

Back Button DSPIC30F2010 Datasheet HTML 135Page - Microchip Technology DSPIC30F2010 Datasheet HTML 136Page - Microchip Technology DSPIC30F2010 Datasheet HTML 137Page - Microchip Technology DSPIC30F2010 Datasheet HTML 138Page - Microchip Technology DSPIC30F2010 Datasheet HTML 139Page - Microchip Technology DSPIC30F2010 Datasheet HTML 140Page - Microchip Technology DSPIC30F2010 Datasheet HTML 141Page - Microchip Technology DSPIC30F2010 Datasheet HTML 142Page - Microchip Technology DSPIC30F2010 Datasheet HTML 143Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 236 page
background image
© 2007 Microchip Technology Inc.
DS70135E-page 137
dsPIC30F4011/4012
20.7
A/D Conversion Speeds
The dsPIC30F 10-bit ADC specifications permit
a
maximum 1 Msps sampling rate. Table 20-1
summarizes the conversion speeds for the dsPIC30F
10-bit ADC and the required operating conditions.
TABLE 20-1:
10-BIT A/D CONVERSION RATE PARAMETERS
dsPIC30F 10-bit A/D Converter Conversion Rates
A/D Speed
TAD
Minimum
Sampling
Time Min.
RS Max.
VDD
Temperature
A/D Channels Configuration
Up to
1 Msps(1)
83.33 ns
12 TAD
500
Ω
4.5V to 5.5V
-40°C to +85°C
Up to
750 ksps(1)
95.24 ns
2 TAD
500
Ω
4.5V to 5.5V
-40°C to +85°C
Up to
600 ksps(1)
138.89 ns
12 TAD
500
Ω
3.0V to 5.5V
-40°C to +125°C
Up to
500 ksps
153.85 ns
1 TAD
5.0 k
Ω
4.5V to 5.5V
-40°C to +125°C
Up to
300 ksps
256.41 ns
1 TAD
5.0 k
Ω
3.0V to 5.5V
-40°C to +125°C
Note 1:
External VREF- and VREF+ pins must be used for correct operation. See Figure 20-2 for recommended circuit.
VREF-VREF+
ADC
ANx
S/H
S/H
CH1, CH2 or CH3
CH0
VREF-VREF+
ADC
ANx
S/H
CHX
VREF-VREF+
ADC
ANx
S/H
S/H
CH1, CH2 or CH3
CH0
VREF-VREF+
ADC
ANx
S/H
CHX
ANx or VREF-
or
AVSS
or
AVDD
VREF-VREF+
ADC
ANx
S/H
CHX
ANx or VREF-
or
AVSS
or
AVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com