Electronic Components Datasheet Search
  English  ▼

X  

DSPIC30F2010 Datasheet(PDF) 140 Page - Microchip Technology

Part # DSPIC30F2010
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2010 Datasheet(HTML) 140 Page - Microchip Technology

Back Button DSPIC30F2010 Datasheet HTML 136Page - Microchip Technology DSPIC30F2010 Datasheet HTML 137Page - Microchip Technology DSPIC30F2010 Datasheet HTML 138Page - Microchip Technology DSPIC30F2010 Datasheet HTML 139Page - Microchip Technology DSPIC30F2010 Datasheet HTML 140Page - Microchip Technology DSPIC30F2010 Datasheet HTML 141Page - Microchip Technology DSPIC30F2010 Datasheet HTML 142Page - Microchip Technology DSPIC30F2010 Datasheet HTML 143Page - Microchip Technology DSPIC30F2010 Datasheet HTML 144Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 236 page
background image
dsPIC30F4011/4012
DS70135E-page 138
© 2007 Microchip Technology Inc.
The configuration guidelines give the required setup
values for the conversion speeds above 500 ksps, since
they require external VREF pins usage and there are
some differences in the configuration procedure. Config-
uration details that are not critical to the conversion
speed have been omitted.
Figure 20-2 depicts the recommended circuit for the
conversion rates above 500 ksps.
FIGURE 20-2:
A/D CONVERTER VOLTAGE REFERENCE SCHEMATIC
20.7.1
1 Msps CONFIGURATION
GUIDELINE
The configuration for 1 Msps operation is dependent on
whether a single input pin is to be sampled or whether
multiple pins are to be sampled.
20.7.1.1
Single Analog Input
For conversions at 1 Msps for a single analog input, at
least two sample and hold channels must be enabled.
The analog input multiplexer must be configured so
that the same input pin is connected to both sample
and hold channels. The A/D converts the value held on
one S/H channel while the second S/H channel
acquires a new input sample.
20.7.1.2
Multiple Analog Inputs
The ADC can also be used to sample multiple analog
inputs using multiple sample and hold channels. In this
case, the total 1 Msps conversion rate is divided among
the different input signals. For example, four inputs can
be sampled at a rate of 250 ksps for each signal, or two
inputs could be sampled at a rate of 500 ksps for each
signal. Sequential sampling must be used in this
configuration to allow adequate sampling time on each
input.
VDD
VDD
VDD
VDD
VDD
VDD
R1
10
VDD
VDD
11
1
33
23
VDD
VSS
VDD
VSS
dsPIC30F4011
C1
0.01
μF
C2
0.1
μF
R2
10
C8
1
μF
C7
0.1
μF
C6
0.01
μF
VDD
VDD
VDD
C5
1
μF
C4
0.1
μF
C3
0.01
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com