Electronic Components Datasheet Search
  English  ▼

X  

MP2489DJ Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2489DJ
Description  Step Down White LED Driver with Wide 6V.60V Input Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2489DJ Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2489DJ Datasheet HTML 2Page - Monolithic Power Systems MP2489DJ Datasheet HTML 3Page - Monolithic Power Systems MP2489DJ Datasheet HTML 4Page - Monolithic Power Systems MP2489DJ Datasheet HTML 5Page - Monolithic Power Systems MP2489DJ Datasheet HTML 6Page - Monolithic Power Systems MP2489DJ Datasheet HTML 7Page - Monolithic Power Systems MP2489DJ Datasheet HTML 8Page - Monolithic Power Systems MP2489DJ Datasheet HTML 9Page - Monolithic Power Systems MP2489DJ Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MP2489 – STEP DOWN WLED DRIVER WITH WIDE 6V–60V INPUT VOLTAGE
MP2489 Rev. 1.23
www.MonolithicPower.com
6
10/11/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
FUNCTION DIAGRAM
GND
2
EN /DIM
VIN
IN
RS
Rsense
SW
L
D
CIN
1.275V
Reference
Filter
+
0.2V
HV Regulator 5V
Enable
High Side
Current Sense
+
PWM
Driver
R1
R2
3
54
1
DIM
Figure 1—MP2489 Function Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com