Electronic Components Datasheet Search
  English  ▼

X  

MP2490DS Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2490DS
Description  1.5A, 36V, 700KHz Step-Down Converter with Programmable Output Current Limit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2490DS Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2490DS Datasheet HTML 5Page - Monolithic Power Systems MP2490DS Datasheet HTML 6Page - Monolithic Power Systems MP2490DS Datasheet HTML 7Page - Monolithic Power Systems MP2490DS Datasheet HTML 8Page - Monolithic Power Systems MP2490DS Datasheet HTML 9Page - Monolithic Power Systems MP2490DS Datasheet HTML 10Page - Monolithic Power Systems MP2490DS Datasheet HTML 11Page - Monolithic Power Systems MP2490DS Datasheet HTML 12Page - Monolithic Power Systems MP2490DS Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MP2490 – 1.5A, 36V, 700KHz STEP-DOWN WITH PROGRAMMABLE OUTPUT CURRENT LIMIT
MP2490 Rev. 0.92
www.MonolithicPower.com
10
4/23/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
Output Current Sensing
The output current can be sensed through the
DC resistance (DCR) of the inductor, as shown
in Figure 2a.
In Figure 2a, the output current limit is set as:
ab
OUT
b
RR
100mV
I
DCR
R
+
=×
Where DCR is the DC resistance of the inductor
winding.
In Figure 2a, it is desirable to keep
ab
S
ab
RR
L1
C
R
R
DCR
⋅
×=
+
If, there is no Rb:
×=
as
L1
RC
DCR
For more accurate sensing, use a more
accurate sense resistor, as in Figure 2b, where
the output current limit is set as:
OUT
SENSE
100mV
I
R
=
Figure 2—Current Sensing Methods



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com