Electronic Components Datasheet Search
  English  ▼

X  

MP2493DN Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2493DN
Description  2A, 36V, Low EMI Step-Down Converter with Programmable Output Current Limit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2493DN Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2493DN Datasheet HTML 4Page - Monolithic Power Systems MP2493DN Datasheet HTML 5Page - Monolithic Power Systems MP2493DN Datasheet HTML 6Page - Monolithic Power Systems MP2493DN Datasheet HTML 7Page - Monolithic Power Systems MP2493DN Datasheet HTML 8Page - Monolithic Power Systems MP2493DN Datasheet HTML 9Page - Monolithic Power Systems MP2493DN Datasheet HTML 10Page - Monolithic Power Systems MP2493DN Datasheet HTML 11Page - Monolithic Power Systems MP2493DN Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MP2493 – 2A, 36V, LOW EMI STEP-DOWN WITH PROGRAMMABLE OUTPUT CURRENT LIMIT
MP2493 Rev. 0.9
www.MonolithicPower.com
8
4/23/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ISP
ISN
4.0V
SS
VIN
SS
FB
SW
X13.5
BST
REGULATOR
100mV
DRIVER
PWM
COMPARATOR
CURRENT
LIMIT
COMPARATOR
RSEN
25m
M1
1pF
3398k
33pF
ER
GND
ENABLE
REGULATOR
EN
OSCILLATOR
150kHz
REFERENCE
CURRENT SENSE
AMPLIFIER
RAMP
GENERATOR
POR
REGULATOR
S
R
R
Q
D
+
+
--
+
--
--
+
+
--
+
--
Figure 1—Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com