Electronic Components Datasheet Search
  English  ▼

X  

MP2494 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2494
Description  2A, 55V, 100kHz Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2494 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2494 Datasheet HTML 3Page - Monolithic Power Systems MP2494 Datasheet HTML 4Page - Monolithic Power Systems MP2494 Datasheet HTML 5Page - Monolithic Power Systems MP2494 Datasheet HTML 6Page - Monolithic Power Systems MP2494 Datasheet HTML 7Page - Monolithic Power Systems MP2494 Datasheet HTML 8Page - Monolithic Power Systems MP2494 Datasheet HTML 9Page - Monolithic Power Systems MP2494 Datasheet HTML 10Page - Monolithic Power Systems MP2494 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MP2494 –2A, 55V, 100kHz STEP-DOWN CONVERTER
MP2494 Rev. 1.0
www.MonolithicPower.com
8
4/25/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
SW
GS
ENABLE
REGULATOR
4.0V
EN
SS
VIN
SS
FB
OSCILLATOR
REFERENCE
X13.5
CURRENT SENSE
AMPLIFIER
BST
RAMP
GENERATOR
REGULATOR
POR
REGULATOR
100mV
DRIVER
PWM
COMPARATOR
CURRENT
LIMIT
COMPARATOR
RSEN
20m
M1
6pF
72.8pF
S
R
R
Q
D
ER
ENABLE
REGULATOR
4.0V
EN
SS
VIN
SS
FB
OSCILLATOR
REFERENCE
X13.5
CURRENT SENSE
AMPLIFIER
BST
RAMP
GENERATOR
REGULATOR
POR
REGULATOR
100mV
DRIVER
PWM
COMPARATOR
CURRENT
LIMIT
COMPARATOR
RSEN
20m
M1
6pF
2483k
72.8pF
S
R
R
Q
D
ER
GND
100KHz
Figure 1—Function Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com