Electronic Components Datasheet Search
  English  ▼

X  

MP2495DS Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2495DS
Description  Integrated 100V Load Dump Protection, 2A Step Down Regulator with Output Current Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2495DS Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2495DS Datasheet HTML 5Page - Monolithic Power Systems MP2495DS Datasheet HTML 6Page - Monolithic Power Systems MP2495DS Datasheet HTML 7Page - Monolithic Power Systems MP2495DS Datasheet HTML 8Page - Monolithic Power Systems MP2495DS Datasheet HTML 9Page - Monolithic Power Systems MP2495DS Datasheet HTML 10Page - Monolithic Power Systems MP2495DS Datasheet HTML 11Page - Monolithic Power Systems MP2495DS Datasheet HTML 12Page - Monolithic Power Systems MP2495DS Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
MP2495– INTEGRATED100VLOAD DUMPPROTECTION,2ASTEPDOWNREGULATORWITH OUTPUTCURRENTCONTROL
MP2495 Rev. 1.0
www.MonolithicPower.com
12
7/24/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Output Current Sensing
The output current can be sensed through the
DC resistance (DCR) of the inductor, as shown
in Figure 2a.
In Figure 2a, the output current limit is set as:
ab
OUT
b
RR
100mV
I
DCR
R
+
=×
Where DCR is the DC resistance of the inductor
winding.
In Figure 2a, it is desirable to keep
ab
S
ab
RR
L1
C
R
R
DCR
⋅
×=
+
If, there is no Rb:
×=
as
L1
RC
DCR
For more accurate sensing, use a more
accurate sense resistor, as in Figure 2b, where
the output current limit is set as:
OUT
SENSE
100mV
I
R
=
Figure 2—Current Sensing Methods



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com