Electronic Components Datasheet Search
  English  ▼

X  

MP2497DS Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2497DS
Description  3A, 50V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2497DS Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2497DS Datasheet HTML 3Page - Monolithic Power Systems MP2497DS Datasheet HTML 4Page - Monolithic Power Systems MP2497DS Datasheet HTML 5Page - Monolithic Power Systems MP2497DS Datasheet HTML 6Page - Monolithic Power Systems MP2497DS Datasheet HTML 7Page - Monolithic Power Systems MP2497DS Datasheet HTML 8Page - Monolithic Power Systems MP2497DS Datasheet HTML 9Page - Monolithic Power Systems MP2497DS Datasheet HTML 10Page - Monolithic Power Systems MP2497DS Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MP2497 – 3A, 50V, 100kHz STEP-DOWN CONVERTER
MP2497 Rev. 1.12
www.MonolithicPower.com
7
12/22/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
BLOCK DIAGRAM
REGULATOR
REFERENCE
63mO
CURRENT SENSE
AMPLIFIER
REGULATOR
DRIVER
Σ
OSCILLATOR
RAMP
S
Q
R
PWM
COMPARATOR
72.8pF
2483kO
6pF
CLK
ERRPR
AMPLIFIER
VIN
FB
BST
SW
ISP
ISN
RSENSE
1.23V
OVP
COMPARATOR
OVP
Hiccup
Current Limit
GND
600mV
10000kO
10pF
400kO
R1
R2
200mV
IN
X 6
RS1
RS2
800mV
SS Circuit
6.2uA
Figure 1—Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com