Electronic Components Datasheet Search
  English  ▼

X  

MCP6S91 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP6S91
Description  Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S91 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP6S91 Datasheet HTML 6Page - Microchip Technology MCP6S91 Datasheet HTML 7Page - Microchip Technology MCP6S91 Datasheet HTML 8Page - Microchip Technology MCP6S91 Datasheet HTML 9Page - Microchip Technology MCP6S91 Datasheet HTML 10Page - Microchip Technology MCP6S91 Datasheet HTML 11Page - Microchip Technology MCP6S91 Datasheet HTML 12Page - Microchip Technology MCP6S91 Datasheet HTML 13Page - Microchip Technology MCP6S91 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
 2004 Microchip Technology Inc.
DS21908A-page 10
MCP6S91/2/3
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to +5.5V, VSS = GND, VREF =VSS, G = +1 V/V,
Input = CH0 = (0.3V)/G, CH1 = 0.3V, RL =10kΩ to VDD/2 and CL = 60 pF.
FIGURE 2-1:
DC Gain Error, G = +1.
FIGURE 2-2:
DC Gain Error, G
≥ +2.
FIGURE 2-3:
Ladder Resistance Drift.
FIGURE 2-4:
DC Gain Drift, G = +1.
FIGURE 2-5:
DC Gain Drift, G
≥ +2.
FIGURE 2-6:
Crosstalk vs. Frequency
(circuit in Figure 6-4).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
20%
22%
24%
DC Gain Error (%)
600 Samples
G = +1
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
DC Gain Error (%)
600 Samples
G
≥ +2
0%
2%
4%
6%
8%
10%
12%
14%
16%
Ladder Resistance Drift (%/°C)
597 Samples
T
A = -40 to +125°C
0%
5%
10%
15%
20%
25%
30%
35%
DC Gain Drift (%/°C)
600 Samples
G = +1
T
A = -40 to +125°C
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
20%
22%
24%
26%
DC Gain Drift (%/°C)
600 Samples
G
≥ +2
T
A = -40 to +125°C
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
1.E+05
1.E+06
1.E+07
1.E+08
Frequency (Hz)
V
DD = 5.0V
G = +32 V/V
CH0 selected
R
S = 1 kΩ
RS = 0 Ω
R
S = 100 Ω
RS = 10 kΩ
100k
100M
10M
1M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com