Electronic Components Datasheet Search
  English  ▼

X  

MP2565DN Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP2565DN
Description  2.5A, 4MHz, 50V Step-Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2565DN Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP2565DN Datasheet HTML 11Page - Monolithic Power Systems MP2565DN Datasheet HTML 12Page - Monolithic Power Systems MP2565DN Datasheet HTML 13Page - Monolithic Power Systems MP2565DN Datasheet HTML 14Page - Monolithic Power Systems MP2565DN Datasheet HTML 15Page - Monolithic Power Systems MP2565DN Datasheet HTML 16Page - Monolithic Power Systems MP2565DN Datasheet HTML 17Page - Monolithic Power Systems MP2565DN Datasheet HTML 18Page - Monolithic Power Systems MP2565DN Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
MP2565 – 2.5A, 4MHz, 50V STEP-DOWN CONVERTER
MP2565 Rev. 0.91
www.MonolithicPower.com
15
4/19/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
External Bootstrap Diode
It is recommended that an external bootstrap
diode be added when the input voltage is no
greater than 5V or the 5V rail is available in the
system. This helps improve the efficiency of the
regulator. The bootstrap diode can be a low
cost one such as IN4148 or BAT54.
MP2565
SW
BST
0.1
5V
Figure 3—External Bootstrap Diode
This diode is also recommended for high duty
cycle operation (when VOUT /VIN >65%) or low
VIN (<5Vin) applications.
At no load or light load, the converter may
operate in pulse skipping mode in order to
maintain the output voltage in regulation. Thus
there is less time to refresh the BST voltage. In
order to have enough gate voltage under such
operating conditions, the difference of (VIN –
VOUT) should be greater than 3V. For example,
if the VOUT is set to 3.3V, the VIN needs to be
higher than 3.3V+3V=6.3V to maintain enough
BS voltage at no load or light load. To meet this
requirement, EN pin can be used to program
the input UVLO voltage to Vout+3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com