Electronic Components Datasheet Search
  English  ▼

X  

MP2603EJ Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2603EJ
Description  Single-Cell 150mA Linear Li-Ion Battery Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2603EJ Datasheet(HTML) 7 Page - Monolithic Power Systems

  MP2603EJ Datasheet HTML 1Page - Monolithic Power Systems MP2603EJ Datasheet HTML 2Page - Monolithic Power Systems MP2603EJ Datasheet HTML 3Page - Monolithic Power Systems MP2603EJ Datasheet HTML 4Page - Monolithic Power Systems MP2603EJ Datasheet HTML 5Page - Monolithic Power Systems MP2603EJ Datasheet HTML 6Page - Monolithic Power Systems MP2603EJ Datasheet HTML 7Page - Monolithic Power Systems MP2603EJ Datasheet HTML 8Page - Monolithic Power Systems MP2603EJ Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MP2603 – SINGLE CELL 150mA LINEAR LI-ION BATTERY CHARGER
MP2603 Rev. 1.01
www.MonolithicPower.com
7
1/31/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OPERATION
The MP2603 is enabled with a minimum input
supply voltage of 3.5V. This power supply must
also be higher than both the UVLO threshold
and the battery voltage. There is an internal
500kΩ pull-down resistor connecting the IN and
GND pins. The MP2603 provides CC/CV
charge algorithms to automatically change
modes depending on the battery status. Figure
2 shows the typical charging procedure for the
MP2603.
Trickle
Charging
Charge
Start
Charge
End
Soft-Start
Time
Thermal
Regulation
CC
Mode
CV
Mode
10% of ICHG
90% of ICHG
ICHG
2.6V
4.2V
VBATT
VBATT
IBATT
IBATT
Figure 2—MP2603 Typical Charging
Procedure
The charge current, ICHG, is programmed by
connecting a resistor (RPGM) from the IPGM pin to
ground. The relationship of the charge current
and the programming resistance is established
by the following equation and graph. The
Table1 lists the typical application setting of
Ichg.
PGM
CHG
R
k
53
.
2
mA
150
I
Ω
×
=
(1)
Table 1— RPGM and ICHG Relationship
RPGM (kΩ)
ICHG (mA)
12.4
30
7.2
52
4.99
76
3.74
101
2.5
151
180
150
120
90
60
30
0
0.0
0.1
0.2
0.3
0.4
0.5
Charge Current vs
1/RPGM Resistance
Figure 3— Charge Current vs 1/RPGM
Resistance
When battery voltage falls below the trickle
threshold (2.6V), charge current is limited to
10% of the programmed value to trickle charge
the fully depleted battery. After the battery
voltage reaches 2.6V, the charger begins to
charge
at
the
constant
current
of
the
programmed value (ICHG). This is referred to as
Constant Current (CC) mode. Once the battery
voltage reaches 4.2V, the charger will operate
in the Constant Voltage (CV) mode until the
battery is fully charged.
Charge Status (CHGZ)
The open-drain CHGZ pin monitors charge
status by connecting to VBATT through an LED
and/or a resistor. The end-of-charge, or battery
full, is indicated by the CHGZ pin changing from
LOW to HIGH (i.e. LED turns off) when ICHG
decreases to 10% of the programmed value.
Thermal Protection
To
prevent
overheating,
the
MP2603
automatically limits the die temperature to
130°C by reducing the internal current-setting
reference voltage. In the thermal protection
mode, the charge current reduces automatically,
but remains continuous.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com