Electronic Components Datasheet Search
  English  ▼

X  

MP2608 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2608
Description  28V, 1A Dual Input Linear Battery Charger With Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2608 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2608 Datasheet HTML 4Page - Monolithic Power Systems MP2608 Datasheet HTML 5Page - Monolithic Power Systems MP2608 Datasheet HTML 6Page - Monolithic Power Systems MP2608 Datasheet HTML 7Page - Monolithic Power Systems MP2608 Datasheet HTML 8Page - Monolithic Power Systems MP2608 Datasheet HTML 9Page - Monolithic Power Systems MP2608 Datasheet HTML 10Page - Monolithic Power Systems MP2608 Datasheet HTML 11Page - Monolithic Power Systems MP2608 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MP2608- 28V, 1A DUAL INPUT LINEAR BATTERY CHARGER WITH TIMER
MP2608 Rev. 0.9
www.MonolithicPower.com
10
8/29/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
Table 1—RCHG and ICHG Relationship
RCHG (kΩ)
ICHG (mA)
TBD
TBD
Figure 3—Charge Current vs. 1/RPGM
Resistance
VIN
STATUS
POR Threshold
FAULT
15 Cycles to
1/8 TIMEOUT
VBATT
VMIN
VRECHARGE
IMIN
t0 t1t2 t3
t4
t5
t6t7
2.6V
15 Cycles
ICHARGE
Figure 4—MP2608 Typical Re-Charging
Waveforms
Charge Status and Fault Indication
The open drain pin STATUS is used to indicate
charging status. While battery is being charged,
the STATUS pin is pulled low, when the battery
full condition is reached or any other condition
prevents
the
charger
from
charging,
the
STATUS
pin will become a floating. STATUS is
then latched till a new charge cycle is started.
Upon a time-out fault event happen, the FAULT
pin is pulled low. When the VBATT is lower than
2.6V for 1/8th of timeout period or the charging
can not reach EOC status before the timeout
happens, this fault status is latched, the charging
is suspended, and the FAULT pin is pulled low.
To clear this fault, either the VIN or VUSB should
be recycled. One time-out period is equivalent to
215 oscillator clock cycles. With a 1µF capacitor
on the TMR pin, it takes 3.64 hours.
The Power On and recharge cycle are illustrated
in Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com