Electronic Components Datasheet Search
  English  ▼

X  

24LC64 Datasheet(PDF) 13 Page - Microchip Technology

Part # 24LC64
Description  64K I2C??Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC64 Datasheet(HTML) 13 Page - Microchip Technology

Back Button 24LC64 Datasheet HTML 9Page - Microchip Technology 24LC64 Datasheet HTML 10Page - Microchip Technology 24LC64 Datasheet HTML 11Page - Microchip Technology 24LC64 Datasheet HTML 12Page - Microchip Technology 24LC64 Datasheet HTML 13Page - Microchip Technology 24LC64 Datasheet HTML 14Page - Microchip Technology 24LC64 Datasheet HTML 15Page - Microchip Technology 24LC64 Datasheet HTML 16Page - Microchip Technology 24LC64 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
 2003 Microchip Technology Inc.
DS21189H-page 13
24AA64/24LC64
8.0
PACKAGING INFORMATION
8.1
Package Marking Information
XXXXXXXX
T/XXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
T/XXYYWW
NNN
8-Lead TSSOP
Example:
24LC64
I/P13F
0327
24LC64
I/SN0327
13F
XXXX
XYWW
NNN
4LB
I327
13F
Legend:
XX...X
Customer specific information*
T
Temperature grade (I,E)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard QTP marking consists of Microchip part number, year code, week code, and traceability code.
8-Lead MSOP
Example:
XXXXXX
YWWNNN
4L64I
32713F
8-Lead SOIC (208 mil)
Example:
XXXXXXXX
T/XXXXXX
YYWWNNN
24LC64
I/SM
032713F
Device
MSOP
Marking Codes
STD
Pb-Free
24AA64
4A64
G4AB
24LC64
4L64
G4LB
Device
TSSOP
Marking Codes
STD
Rot
Pb-Free
Rot
24AA64
4AB
4ABX
G4AB
G4ABX
24LC64
4LB
4LBX
G4LB
G4LBX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com