Electronic Components Datasheet Search
  English  ▼

X  

MP2618 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP2618
Description  2A, 24V Input, 600kHz 2-3 Cell Switching Li-Ion Battery Charger With System Power Path Management
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2618 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP2618 Datasheet HTML 11Page - Monolithic Power Systems MP2618 Datasheet HTML 12Page - Monolithic Power Systems MP2618 Datasheet HTML 13Page - Monolithic Power Systems MP2618 Datasheet HTML 14Page - Monolithic Power Systems MP2618 Datasheet HTML 15Page - Monolithic Power Systems MP2618 Datasheet HTML 16Page - Monolithic Power Systems MP2618 Datasheet HTML 17Page - Monolithic Power Systems MP2618 Datasheet HTML 18Page - Monolithic Power Systems MP2618 Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
MP2618 – 2A, 24V INPUT, 600kHz 2-3CELL SWITCHING LI-ION BATTERY CHARGER
MP2618 Rev. 0.92
www.MonolithicPower.com
17
7/14/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Charge Current
1. Standalone Switching Charger
The charge current of MP2618 is set by the
sense
resistor
RS1.
The
charge
current
programmable formula is as following:
()
()
mΩ
RS1
200mV
A
I
CHG
=
(1)
2.
Switching
Charger
with
Power
Path
Management
Figure 7 shows the charge current sharing with
the system current.
Figure 7— Charge current sharing with
System current
The gain of the system current is set as:
RG1
RGS1
Gain
=
(2)
The voltage of OUT1 pin, VOUT1 can be calculated
from:
RG1
RGS1
RS2
I
Gain
RS2
I
V
SYS
SYS
OUT1
×
×
=
×
×
=
(3)
When the system current increased ∆ISYS, to
satisfy the charge current decreased ∆ISYS
accordingly, the relationship should be:
(4)
Because ∆ISYS=∆IBAT, we can get:
RG1
RGS1
RS2
RS1=
(5)
RGS1/2 causes the charge current sense error
as it changes the sense gain of A2, which can be
calculated from:
()
()
()
kΩ
RGS
kΩ
2
kΩ
12.3
G
A2
+
=
(6)
The charge current is set as:
()
()
mΩ
RS1
G
1230
A
I
A2
CHG
×
=
(7)
Then the influence of RGS1 to the charge current
is:
()
()
()
mΩ
RS1
10
Ω
RGS
2000
A
I
CHG
×
+
=
(8)
To decrease the power loss of the sensing circuit,
choose RS2 as small as possible, 20m is
recommended. Too small RG1 results in too big
current sense error of the system current, 50Ω is
at least.
Substitute these two values into equation (5),
then the calibrated charge current set formula in
power path application is got from equation (8):
()
()
()
mΩ
RS1
10
mΩ
RS1
2.5
2000
A
I
CHG
×
×
+
=
(9)
Following table is the calculated RS1 and RGS1
value for setting different charge current.
Table2—ICHG Set in Power Path Application
ICHG(A)
RGS(Ω)
RS1(mΩ)
2
280
110
1.5
402
160
1
665
260
0.8
909
360
0.5
2k
800
If choose different RS2 and RG1, re-calculated
from equation (5) and equation (8), then get the
different equation (9) and the table.
Also, any relationship between ∆ISYS and ∆IBATT
can be realized by re-calculate equation (4), (5)
and (8).
RG1
RS1
RGS1
RS2
∆I
RS1
∆V
∆I
SYS
OUT1
BAT
×
×
×
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com