Electronic Components Datasheet Search
  English  ▼

X  

MP2633 Datasheet(PDF) 27 Page - Monolithic Power Systems

Part # MP2633
Description  1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2633 Datasheet(HTML) 27 Page - Monolithic Power Systems

Back Button MP2633 Datasheet HTML 23Page - Monolithic Power Systems MP2633 Datasheet HTML 24Page - Monolithic Power Systems MP2633 Datasheet HTML 25Page - Monolithic Power Systems MP2633 Datasheet HTML 26Page - Monolithic Power Systems MP2633 Datasheet HTML 27Page - Monolithic Power Systems MP2633 Datasheet HTML 28Page - Monolithic Power Systems MP2633 Datasheet HTML 29Page - Monolithic Power Systems MP2633 Datasheet HTML 30Page - Monolithic Power Systems MP2633 Datasheet HTML 31Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
MP2633 – 1.5A SINGLE CELL SWITCH MODE BATTERY CHARGER
MP2633 Rev. 1.05
www.MonolithicPower.com
27
4/19/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Charge Current in Charge Mode
In charge mode, both the external sense resistor,
RS1, and the resistor RISET connect to the ISET
pin to set the charge current (ICHG) of the
MP2633 (see the Typical Application circuit).
Given ICHG and RS1, the regulation threshold,
VIREF, across this resistor is:
)
A
(
I
)
m
(
1
RS
)
mV
(
V
CHG
IREF
×
Ω
=
(7)
RISET sets VIREF as per the following equation:
)
mV
(
40
)
k
(
R
)
k
(
70
)
mV
(
V
ISET
IREF
×
Ω
Ω
=
(
8)
So, the RISET can be calculated as:
)
mV
(
40
)
mV
(
V
)
k
(
70
)
k
(
R
IREF
ISET
×
Ω
=
Ω
(
9)
For example, for ICHG=1.5A and RS1=50mΩ:
VIREF=75mV, so RISET=37.4kΩ.
Setting the Input Current Limiting in Charge
Mode
In charge mode, connect a resistor from the ILIM
pin to AGND to program the input current limit.
The relationship between the input current limit
and setting resistor is:
)
k
(
)
A
(
I
5
.
40
R
LIM
_
IN
ILIM
Ω
=
(10)
Where RILIM must exceed 20kΩ so that IIN_LIM is
in the range of 0A to 2A.
For most applications, use RILIM = 45kΩ
(IUSB_LIM=900mA) for USB3.0, and use an RLIM =
81kΩ (IUSB_LIM=500mA) for USB2.0.
Setting the Input Voltage Range for Different
Operation Modes
A resistive voltage divider from the input
voltage
to
PWIN
pin
determines
the
operating mode of MP2633.
)
V
(
6
R
4
R
6
R
V
V
IN
PWIN
+
×
=
(
11)
If the voltage on PWIN is between 0.8V and
1.15V, the MP2633 works in the charge mode.
While the voltage on the PWIN pin is not in the
range of 0.8V to 1.15V and VIN > 2V, the
MP2633 works in the boost mode (see MPS. All
Rights Reserved.
).
For a wide operating range, use a maximum
input voltage of 6V as the upper threshold for a
voltage ratio of:
6
R
4
R
6
R
6
15
.
1
V
V
IN
PWIN
+
=
=
(12)
With the given R6, R4 is then:
6
R
V
V
V
4
R
PWIN
PWIN
IN
×
−
=
(
13)
For a typical application, start with R6=5.1kΩ, R4
is 21.5kΩ.
Setting the Input Voltage Regulation in
Charge Mode
In charge mode, connect a resistor divider from the
VIN pin to AGND with tapped to REG pin to program
the input voltage regulation.
5
R
5
R
3
R
V
V
REG
R
_
IN
+
×
=
(14)
With the given R5, R3 is:
5
R
V
V
V
3
R
REG
RGE
R
_
IN
×
−
=
(15)
For a preset input voltage regulation value, say
4.75V, start with R5=5.1kΩ, R3 is 15kΩ.
NTC Function in Charge Mode
Figure 12 shows that an internal resistor divider
sets the low temperature threshold (VTL) and high
temperature threshold (VTH) at 65%·VSYS and
35%·VSYS, respectively. For a given NTC
thermistor, select an appropriate RT1 and RT2 to
set the NTC window.
%
65
TL
//R
R
R
//R
R
V
V
NTC_Cold
T2
T1
NTC_Cold
T2
SYS
TL
=
=
+
=
(16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com