Electronic Components Datasheet Search
  English  ▼

X  

MP2635GR Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP2635GR
Description  2A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2635GR Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP2635GR Datasheet HTML 17Page - Monolithic Power Systems MP2635GR Datasheet HTML 18Page - Monolithic Power Systems MP2635GR Datasheet HTML 19Page - Monolithic Power Systems MP2635GR Datasheet HTML 20Page - Monolithic Power Systems MP2635GR Datasheet HTML 21Page - Monolithic Power Systems MP2635GR Datasheet HTML 22Page - Monolithic Power Systems MP2635GR Datasheet HTML 23Page - Monolithic Power Systems MP2635GR Datasheet HTML 24Page - Monolithic Power Systems MP2635GR Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
MP2635 – 2A SINGLE CELL SWITCH MODE BATTERY CHARGER
MP2635 Rev. 1.05
www.MonolithicPower.com
21
6/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
START UP TIME FLOW IN BOOST MODE
Condition: VIN = 0V, Mode = 5V, /Boost is always pulled up to an external constant 5V.
MODE
Boost
SS
VCC
Band
Gap
VSYS
VBATT
2.2V
BOOST
0V
2.9V
VSYS>VBATT+300mV
0V
0V
5V
Down
Mode
2.5V
0V
VCC follows
VBATT
VCC follows VSYS
1.2ms
Figure 9: Battery Power Start-Up Time Flow in Boost Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com