Electronic Components Datasheet Search
  English  ▼

X  

4SP820M Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 4SP820M
Description  Large Capacitance, Low ESR Optimum for Audio etc.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

4SP820M Datasheet(HTML) 1 Page - Sanyo Semicon Device

  4SP820M Datasheet HTML 1Page - Sanyo Semicon Device 4SP820M Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
■Specifications
■Dimensions
(unit : mm)
※1 Please reduce 0.25V per 1
°C from over 85°C for 25V products.
※2 In case of some problems for measured values, measure after applying rated voltage for 2 to 20V products or temperature derating voltage
 
for 25V products for 30 minutes at 105
°C .
※3 C', E', F', C, D size : 1,000h. E, F, F0, G size : 2,000h. (2V, 25V, 4SP1000M, 2R5SP1200M : 1,000h)
■Size List
µF
10
18
22
33
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
6.8
C'
C
E'
F',D
E
F
C'
C
E'
D
F'
E
F
C'
C
E'
F',D
E
F
C'
C
E'
F',D
E
F
F
RV
(SV)
2.5
(3.3)
F
F0
2
(2.6)
C'
C
E'
D
F'
E
F
F
F0
G
4
(5.2)
6.3
(8.2)
10
(11.5)
16
(18.4)
20
(23.0)
C'
C
D
E
F
25
(25.0)
40
RV : Rated voltage (SV) : Surge (room temperature)
※For the minimum packing quantity, please refer to page 53.
4. SPECIFICATIONS FOR EACH SERIES
The characteristics of SP series are large capacitance (about 2 times of
previous value) and low ESR (about half of previous value). It is optimum to
use around MPU of computer equipment. Also, suitable for audio because
OFC is used as the lead wires.
Sleeve color : Purple
Marking
: Polarity( ), Rated voltage, Rated Capacitance
(White)
SANYO, OS-CON, Lot.No., Series name
Upper category temp.(105
°C)
Size Code
C'
φD+0.5max. Lmax.
F
φd±0.05 Gmax.
Kmax.
6.3
8.0
10.0
6.3
6.3
8.0
10.0
10.0
12.5
6.0
6.0
6.0
7.8
10.8
11.5
11.5
21.0
23.0
2.5
±0.5
3.5
±0.5
5.0
±0.5
2.5
±0.5
2.5
±0.5
3.5
±0.5
5.0
±0.5
5.0
±0.5
5.0
±1.0
0.60
0.60
0.60
0.60
0.60
0.60
0.60
0.80
0.80
0.5
0.8
0.8
0.5
0.5
0.8
0.8
0.8
0.8
0.5
0.8
0.8
0.5
0.5
0.8
0.8
0.8
0.8
E'
F'
C
D
E
F
F0
G
(+)
G
A'
C
A
B
B'
Standards of terminal lead position
Sleeve
L
15min.
4min.
19min.
F
Mark
; ideal
terminal lead position C;
the middle point of A-A'
SPSeries Large Capacitance, Low ESR
Optimum for Audio etc.
-55
°C to +105°C
M :
±20%
Less than or equal to the value of Table12
Less than or equal to the value of Table12
Less than or equal to the value of Table12
-55
°C
+105
°C
∆C/C
tan
δ
Leakage current
∆C/C
tan
δ
Leakage current
∆C/C
tan
δ
Leakage current
Z / Z 20°C
Z / Z 20°C
0.75 to 1.25
0.75 to 1.25
Within
±20%
1.5 times or less than an initial standard
Below an initial standard
Within
±20%
2 times or less than an initial standard
Below an initial standard
Within
±5%
1.5 times or less than an initial standard
Below an initial standard (after voltage processing)
Items
Characteristics
Endurance
Damp heat (Steady state)
Resistance to
soldering heat
Characteristics of impedance
ratio at high temp. and low temp.
Conditions
Category temperature range
Tolerance on rated capacitance
Tangent of loss angle
Leakage current
ESR
120Hz
120Hz
105
°C, 1,000 to 2,000h
Rated voltage
applied (25V
→20V applied) ※1
60
°C, 90 to 95%RH
1,000h,
No-applied voltage
Flow method
(260
±5°C X 10s)
※2
※3
Based the value at
100KHz
,+20
°C
After 2 minutes


Similar Part No. - 4SP820M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4SPDX ETC2-4SPDX Datasheet
483Kb / 4P
Waber-by-Tripp Lite 4-outlet Power Strip with 6-ft. Cord
logo
Weller Tools
4SPI26200 WELLER-4SPI26200 Datasheet
572Kb / 5P
Fine Duty Irons, 15 Watts
4SPI26201 WELLER-4SPI26201 Datasheet
572Kb / 5P
Fine Duty Irons, 15 Watts
4SPI26206 WELLER-4SPI26206 Datasheet
572Kb / 5P
Fine Duty Irons, 15 Watts
4SPI40220 WELLER-4SPI40220 Datasheet
572Kb / 5P
Fine Duty Irons, 15 Watts
More results

Similar Description - 4SP820M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKV650KP RENESAS-RKV650KP Datasheet
65Kb / 5P
Variable Capacitance Diode for Digital audio
RKV652KP RENESAS-RKV652KP Datasheet
64Kb / 5P
Variable Capacitance Diode for Digital audio
RKV653KP RENESAS-RKV653KP Datasheet
65Kb / 5P
Variable Capacitance Diode for Digital audio
logo
List of Unclassifed Man...
300152M6R3JS0E ETC2-300152M6R3JS0E Datasheet
487Kb / 11P
High Capacitance and Ultra-Low ESR
logo
Renesas Technology Corp
RKV653KL RENESAS-RKV653KL Datasheet
53Kb / 5P
Variable Capacitance Diode for Digital audio
logo
Illinois Capacitor, Inc...
ALG ILLINOISCAPACITOR-ALG Datasheet
176Kb / 2P
Highest capacitance & Voltage, Low ESR
PHC ILLINOISCAPACITOR-PHC Datasheet
214Kb / 3P
Metallized polypropylene ??Low self inductance ??High capacitance ??Low ESR
logo
Cornell Dubilier Electr...
300 CDE-300_17 Datasheet
764Kb / 12P
High Capacitance and Ultra-Low ESR
logo
Nichicon corporation
PCJ NICHICON-PCJ Datasheet
1,001Kb / 2P
Chip Type, Low ESR, Higher Capacitance
RNL NICHICON-RNL Datasheet
674Kb / 2P
Large Sized, High Capacitance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com