Electronic Components Datasheet Search
  English  ▼

X  

74HC273D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC273D
Description  Octal D-type flip-flop with reset; positive-edge trigger
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC273D Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC273D Datasheet HTML 1Page - NXP Semiconductors 74HC273D Datasheet HTML 2Page - NXP Semiconductors 74HC273D Datasheet HTML 3Page - NXP Semiconductors 74HC273D Datasheet HTML 4Page - NXP Semiconductors 74HC273D Datasheet HTML 5Page - NXP Semiconductors 74HC273D Datasheet HTML 6Page - NXP Semiconductors 74HC273D Datasheet HTML 7Page - NXP Semiconductors 74HC273D Datasheet HTML 8Page - NXP Semiconductors 74HC273D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
74HC_HCT273
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 10 June 2013
2 of 21
NXP Semiconductors
74HC273; 74HCT273
Octal D-type flip-flop with reset; positive-edge trigger
4.
Functional diagram
74HC273PW
40 C to +125 C
TSSOP20
plastic thin shrink small outline package; 20 leads; body
width 4.4 mm
SOT360-1
74HCT273PW
74HC273BQ
40 C to +125 C
DHVQFN20 plastic dual in-line compatible thermal enhanced very thin
quad flat package; no leads; 20 terminals;
body 2.5
 4.5  0.85 mm
SOT764-1
74HCT273BQ
Table 1.
Ordering information …continued
Type number
Package
Temperature range Name
Description
Version
Fig 1.
Functional diagram
Fig 2.
Logic symbol
Fig 3.
IEC logic symbol
001aae055
D0
D1
D2
D3
D4
D5
D6
D7
3
4
7
8
13
14
17
18
1
11
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
2
5
6
9
12
15
16
19
FF1
TO
FF8
MR
CP
mna763
D0
D1
D2
D3
D4
D5
D6
D7
MR
CP
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
11
1
19
16
15
12
9
6
5
2
18
17
14
13
8
7
4
3
mna764
19
16
15
12
9
6
5
11
C1
1
R
1D
2
18
17
14
13
8
7
4
3
D7
D0
D1
D2
D3
D4
D5
D6
Q7
Q6
Q5
Q4
Q3
Q2
Q0
Q1
CP
MR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com