Electronic Components Datasheet Search
  English  ▼

X  

MF-LS340 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # MF-LS340
Description  PTC Resettable Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-LS340 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  MF-LS340 Datasheet HTML 1Page - Bourns Electronic Solutions MF-LS340 Datasheet HTML 2Page - Bourns Electronic Solutions MF-LS340 Datasheet HTML 3Page - Bourns Electronic Solutions MF-LS340 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
MF-LS Series - PTC Resettable Fuses
Product Dimensions
Model
A
B
C
D
F
Pkg.
Style
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
MF-LS100S
20.9
(0.823)
23.1
(0.909)
4.9
(0.193)
5.2
(0.205)
0.6
(0.024)
1.0
(0.039)
4.1
(0.161)
5.5
(0.217)
3.8
(0.150)
4.1
(0.161)
S
MF-LS180
24.0
(0.945)
26.0
(1.024)
4.9
(0.193)
5.2
(0.205)
0.6
(0.024)
1.0
(0.039)
4.1
(0.161)
5.5
(0.217)
3.8
(0.150)
4.1
(0.161)
Std.
MF-LS180L
35.0
(1.38)
37.5
(1.48)
4.9
(0.193)
5.6
(0.22)
0.6
(0.024)
1.0
(0.039)
9.6
(0.38)
10.0
(0.40)
3.8
(0.150)
4.2
(0.17)
Std.
MF-LS180S
24.0
(0.945)
26.0
(1.024)
4.9
(0.193)
5.2
(0.205)
0.6
(0.024)
1.0
(0.039)
4.1
(0.161)
5.5
(0.217)
3.8
(0.150)
4.1
(0.161)
S
MF-LS190
21.3
(0.839)
23.4
(0.921)
10.2
(0.402)
11.0
(0.433)
0.5
(0.020)
1.1
(0.043)
5.0
(0.197)
7.6
(0.299)
4.8
(0.189)
5.4
(0.213)
Std.
MF-LS190RU
19.8
(0.780)
20.8
(0.819)
13.3
(0.524)
14.3
(0.563)
0.4
(0.016)
0.76
(0.030)
8.1
(0.319)
9.5
(0.374)
3.8
(0.150)
4.1
(0.161)
RU
MF-LS260
24.0
(0.945)
26.0
(1.024)
10.8
(0.425)
11.9
(0.469)
0.6
(0.024)
1.0
(0.039)
5.0
(0.197)
7.0
(0.276)
5.9
(0.232)
6.1
(0.240)
Std.
MF-LS300
28.4
(1.118)
31.8
(1.252)
13.0
(0.512)
13.5
(0.531)
0.5
(0.020)
1.1
(0.043)
6.3
(0.248)
8.9
(0.350)
6.0
(0.236)
6.6
(0.260)
Std.
MF-LS340
24.0
(0.945)
26.0
(1.024)
14.8
(0.583)
15.9
(0.626)
0.6
(0.024)
1.0
(0.039)
4.0
(0.158)
5.0
(0.197)
6.0
(0.236)
6.1
(0.240
Std.
Packaging:
Bulk - 500 pcs. per bag.
Tape and Reel - Consult factory.
DIMENSIONS:
MM
(INCHES)
Typical Part Marking
Represents total content. Layout may vary.
NOTE: Longer lead option available. Consult factory.
F
B
D
D
A
F
B
D
D
A
D
B
F
F
A
C
C
C
SLIT
NOMINAL
0.5
(.020)
4.0
(.157)
X
Terminal material: quarter-hard nickel
Standard Style
“RU” Style
“S” Style
MANUFACTURER'S
TRADEMARK
PART
IDENTIFICATION
LOT NO.
(T = TAIWAN
S = CHINA)
LS180
0144T
DATE CODE
(FIRST DIGIT =
LAST DIGIT OF YEAR;
NEXT THREE DIGITS =
DAY OF YEAR)
Applications
Any application that requires extra protection
at elevated ambient temperatures, which the
100 °C trip temperature provides.
■ Rechargeable battery pack protection
■ Cellular phones
■ Laptop computers



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com