Electronic Components Datasheet Search
  English  ▼

X  

STGIPS30C60-H Datasheet(PDF) 10 Page - STMicroelectronics

Part # STGIPS30C60-H
Description  SLLIMM small low-loss intelligent molded module IPM 3-phase inverter - 30 A
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS30C60-H Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STGIPS30C60-H Datasheet HTML 6Page - STMicroelectronics STGIPS30C60-H Datasheet HTML 7Page - STMicroelectronics STGIPS30C60-H Datasheet HTML 8Page - STMicroelectronics STGIPS30C60-H Datasheet HTML 9Page - STMicroelectronics STGIPS30C60-H Datasheet HTML 10Page - STMicroelectronics STGIPS30C60-H Datasheet HTML 11Page - STMicroelectronics STGIPS30C60-H Datasheet HTML 12Page - STMicroelectronics STGIPS30C60-H Datasheet HTML 13Page - STMicroelectronics STGIPS30C60-H Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Electrical characteristics
STGIPS30C60-H
10/21
DocID024473 Rev 3
Note:
X: don’t care
Table 11. Sense comparator characteristics (VCC = 15 V unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
I
ib(i)
Input bias current
V
CIN(i)
= 1 V, i = U, V o W
3
μA
V
ol
Open-drain low-level output
voltage
I
od
= 3 mA
0.5
V
t
d_comp
Comparator delay
SD/OD pulled to 5 V through
100 k
Ω resistor
90
130
ns
SR
Slew rate
C
L
= 180 pF; R
pu
= 5 k
Ω
60
V/μsec
t
sd
Shut down to high / low side
driver propagation delay
V
OUT
= 0, V
boot
= V
CC
,
V
IN
= 0 to 3.3 V
50
125
200
ns
t
isd
Comparator triggering to high /
low side driver turn-off
propagation delay
Measured applying a voltage
step from 0 V to 3.3 V to pin
CIN
i
50
200
250
Table 12. Truth table
Condition
Logic input (VI)
Output
SD
LIN
HIN
LVG
HVG
Shutdown enable
half-bridge tri-state
LX
XL
L
Interlocking
half-bridge tri-state
HH
H
L
L
0 ‘’logic state”
half-bridge tri-state
HL
L
L
L
1 “logic state”
low side direct driving
HH
L
H
L
1 “logic state”
high side direct driving
HL
HL
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com