Electronic Components Datasheet Search
  English  ▼

X  

STGIPS30C60 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGIPS30C60
Description  SLLIMM small low-loss intelligent molded module IPM, 3-phase inverter - 30 A, 600 V short-circuit rugged IGBT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS30C60 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGIPS30C60 Datasheet HTML 3Page - STMicroelectronics STGIPS30C60 Datasheet HTML 4Page - STMicroelectronics STGIPS30C60 Datasheet HTML 5Page - STMicroelectronics STGIPS30C60 Datasheet HTML 6Page - STMicroelectronics STGIPS30C60 Datasheet HTML 7Page - STMicroelectronics STGIPS30C60 Datasheet HTML 8Page - STMicroelectronics STGIPS30C60 Datasheet HTML 9Page - STMicroelectronics STGIPS30C60 Datasheet HTML 10Page - STMicroelectronics STGIPS30C60 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
DocID022471 Rev 6
7/21
STGIPS30C60
Electrical characteristics
3
Electrical characteristics
T
J
= 25 °C unless otherwise specified.
Note:
tON and tOFF include the propagation delay time of the internal drive. tC(ON) and tC(OFF) are
the switching time of IGBT itself under the internally given gate driving condition.
Table 7. Inverter part
Symbol
Parameter
Test conditions
Value
Unit
Min.
Typ.
Max.
V
CE(sat)
Collector-emitter
saturation voltage
V
CC
= V
boot
= 15 V, V
IN
(1)
= 0 ÷ 5 V,
I
C
= 30 A
-1.9
V
V
CC
= V
boot
= 15 V, V
IN
(1)
= 0 ÷ 5 V,
I
C
= 30 A, T
J
= 125 °C
-2.2
I
CES
Collector-cut off current
(V
IN
(1)
= 0 “logic state”)
V
CE
= 550 V, V
CC
= V
Boot
= 15 V
-
100
μA
V
F
Diode forward voltage
V
IN
(1)
= 0 “logic state”, I
C
= 30 A
-
2.0
2.3
V
Inductive load switching time and energy
t
on
Turn-on time
V
PN
= 300 V,
V
CC
= V
boot
= 15 V,
V
IN
(1)
= 0 ÷ 5 V,
I
C
= 30 A
(see
Figure 5)
-440
-
ns
t
c(on)
Crossover time (on)
-
190
-
t
off
Turn-off time
-
780
-
t
c(off)
Crossover time (off)
-
135
-
t
rr
Reverse recovery time
-
100
-
E
on
Turn-on switching losses
-
870
-
μJ
E
off
Turn-off switching losses
-
740
-
1.
Applied between
HIN
i
, LIN
i and
G
ND
for i = U, V, W. (LIN inputs are active-low).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com