Electronic Components Datasheet Search
  English  ▼

X  

STF8N80K5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STF8N80K5
Description  N-channel 800 V, 0.8 typ., 6 A Zener-protected SuperMESH 5 Power MOSFET in TO-220FP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF8N80K5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STF8N80K5 Datasheet HTML 3Page - STMicroelectronics STF8N80K5 Datasheet HTML 4Page - STMicroelectronics STF8N80K5 Datasheet HTML 5Page - STMicroelectronics STF8N80K5 Datasheet HTML 6Page - STMicroelectronics STF8N80K5 Datasheet HTML 7Page - STMicroelectronics STF8N80K5 Datasheet HTML 8Page - STMicroelectronics STF8N80K5 Datasheet HTML 9Page - STMicroelectronics STF8N80K5 Datasheet HTML 10Page - STMicroelectronics STF8N80K5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DocID024419 Rev 2
7/15
STF8N80K5, STFI8N80K5
Electrical characteristics
Figure 8. Capacitance variations
Figure 9. Output capacitance stored energy
Figure 10. Normalized gate threshold voltage
vs. temperature
Figure 11. Normalized on-resistance vs.
temperature
Figure 12. Drain-source diode forward
characteristics
Figure 13. Normalized VDS vs. temperature
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
AM15637v1
Eoss
6
4
2
0
0
VDS(V)
(µJ)
400
200
600
AM15638v1
VGS(th)
1
0.8
0.6
0.4
-50
0
TJ(°C)
(norm)
50
100
ID=100µA
VDS=VGS
AM15639v1
RDS(on)
2
1.2
0.4
-50
0
TJ(°C)
(norm)
50
100
0.8
1.6
VGS=10V
ID=3 A
2.4
AM15640v1
VSD
1
3
ISD(A)
(V)
2
4
5
0.5
0.6
0.7
0.8
0.9
TJ=-50°C
TJ=150°C
TJ=25°C
AM15641v1
VDS
-50
0
TJ(°C)
(norm)
50
100
0.9
0.94
0.98
1.02
1.06
1.1
ID = 1mA
AM15642v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com