Electronic Components Datasheet Search
  English  ▼

X  

PIC16 Datasheet(PDF) 311 Page - Microchip Technology

Part # PIC16
Description  20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16 Datasheet(HTML) 311 Page - Microchip Technology

Back Button PIC16 Datasheet HTML 307Page - Microchip Technology PIC16 Datasheet HTML 308Page - Microchip Technology PIC16 Datasheet HTML 309Page - Microchip Technology PIC16 Datasheet HTML 310Page - Microchip Technology PIC16 Datasheet HTML 311Page - Microchip Technology PIC16 Datasheet HTML 312Page - Microchip Technology PIC16 Datasheet HTML 313Page - Microchip Technology PIC16 Datasheet HTML 314Page - Microchip Technology PIC16 Datasheet HTML 315Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 418 page
background image
 2011-2013 Microchip Technology Inc.
DS40001609C-page 311
PIC16(L)F1508/9
TABLE 28-3:
ENHANCED MID-RANGE INSTRUCTION SET
Mnemonic,
Operands
Description
Cycles
14-Bit Opcode
Status
Affected
Notes
MSb
LSb
BYTE-ORIENTED FILE REGISTER OPERATIONS
ADDWF
ADDWFC
ANDWF
ASRF
LSLF
LSRF
CLRF
CLRW
COMF
DECF
INCF
IORWF
MOVF
MOVWF
RLF
RRF
SUBWF
SUBWFB
SWAPF
XORWF
f, d
f, d
f, d
f, d
f, d
f, d
f
–
f, d
f, d
f, d
f, d
f, d
f
f, d
f, d
f, d
f, d
f, d
f, d
Add W and f
Add with Carry W and f
AND W with f
Arithmetic Right Shift
Logical Left Shift
Logical Right Shift
Clear f
Clear W
Complement f
Decrement f
Increment f
Inclusive OR W with f
Move f
Move W to f
Rotate Left f through Carry
Rotate Right f through Carry
Subtract W from f
Subtract with Borrow W from f
Swap nibbles in f
Exclusive OR W with f
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
00
11
00
11
11
11
00
00
00
00
00
00
00
00
00
00
00
11
00
00
0111
1101
0101
0111
0101
0110
0001
0001
1001
0011
1010
0100
1000
0000
1101
1100
0010
1011
1110
0110
dfff
dfff
dfff
dfff
dfff
dfff
lfff
0000
dfff
dfff
dfff
dfff
dfff
1fff
dfff
dfff
dfff
dfff
dfff
dfff
ffff
ffff
ffff
ffff
ffff
ffff
ffff
00xx
ffff
ffff
ffff
ffff
ffff
ffff
ffff
ffff
ffff
ffff
ffff
ffff
C, DC, Z
C, DC, Z
Z
C, Z
C, Z
C, Z
Z
Z
Z
Z
Z
Z
Z
C
C
C, DC, Z
C, DC, Z
Z
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
BYTE ORIENTED SKIP OPERATIONS
DECFSZ
INCFSZ
f, d
f, d
Decrement f, Skip if 0
Increment f, Skip if 0
1(2)
1(2)
00
00
1011
1111
dfff
dfff
ffff
ffff
1, 2
1, 2
BIT-ORIENTED FILE REGISTER OPERATIONS
BCF
BSF
f, b
f, b
Bit Clear f
Bit Set f
1
1
01
01
00bb
01bb
bfff
bfff
ffff
ffff
2
2
BIT-ORIENTED SKIP OPERATIONS
BTFSC
BTFSS
f, b
f, b
Bit Test f, Skip if Clear
Bit Test f, Skip if Set
1 (2)
1 (2)
01
01
10bb
11bb
bfff
bfff
ffff
ffff
1, 2
1, 2
LITERAL OPERATIONS
ADDLW
ANDLW
IORLW
MOVLB
MOVLP
MOVLW
SUBLW
XORLW
k
k
k
k
k
k
k
k
Add literal and W
AND literal with W
Inclusive OR literal with W
Move literal to BSR
Move literal to PCLATH
Move literal to W
Subtract W from literal
Exclusive OR literal with W
1
1
1
1
1
1
1
1
11
11
11
00
11
11
11
11
1110
1001
1000
0000
0001
0000
1100
1010
kkkk
kkkk
kkkk
001k
1kkk
kkkk
kkkk
kkkk
kkkk
kkkk
kkkk
kkkk
kkkk
kkkk
kkkk
kkkk
C, DC, Z
Z
Z
C, DC, Z
Z
Note 1: If the Program Counter (PC) is modified, or a conditional test is true, the instruction requires two cycles. The second cycle
is executed as a NOP.
2: If this instruction addresses an INDF register and the MSb of the corresponding FSR is set, this instruction will require one
additional instruction cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com