Electronic Components Datasheet Search
  English  ▼

X  

PIC16 Datasheet(PDF) 59 Page - Microchip Technology

Part # PIC16
Description  20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16 Datasheet(HTML) 59 Page - Microchip Technology

Back Button PIC16 Datasheet HTML 55Page - Microchip Technology PIC16 Datasheet HTML 56Page - Microchip Technology PIC16 Datasheet HTML 57Page - Microchip Technology PIC16 Datasheet HTML 58Page - Microchip Technology PIC16 Datasheet HTML 59Page - Microchip Technology PIC16 Datasheet HTML 60Page - Microchip Technology PIC16 Datasheet HTML 61Page - Microchip Technology PIC16 Datasheet HTML 62Page - Microchip Technology PIC16 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 418 page
background image
 2011-2013 Microchip Technology Inc.
DS40001609C-page 59
PIC16(L)F1508/9
SCS<1:0> = 00:
Change the SCS bits in the OSCCON register
to select the FOSC Configuration Word clock
selection. Since the OST is not applicable with
external clocks, the clock module will
immediately switch to the external clock, and
the fail-safe condition will be cleared.
If the Fail-Safe condition still exists, the OSFIF bit will
again be set by hardware.
5.5.3.3
Secondary Oscillator with
SCS<1:0> = 01
When a Fail-Safe condition occurs with the clock switch
selected to run from the Secondary Oscillator selection
(SCS<1:0> =
01), regardless of the FOSC selection,
the condition is cleared by performing the following pro-
cedure.
SCS<1:0> = 01 (Secondary Oscillator)
SCS<1:0> = 1x:
Change the SCS bits in the OSCCON register
to select the internal oscillator block.
OSFIF = 0:
Clear the OSFIF bit in the PIR2 register.
Read SOSCR:
The OST is not used with the secondary
oscillator, therefore, the user must determine if
the secondary oscillator is ready by monitoring
the SOSCR bit in the OSCSTAT register.
When the SOSCR bit is set, the secondary
oscillator is ready.
SCS<1:0> = 01:
Change the SCS bits in the OSCCON register
to select the secondary oscillator. The clock
module will immediately switch to the
secondary oscillator and the fail-safe condition
will be cleared.
If the Fail-Safe condition still exists, the OSFIF bit will
again be set by hardware.
5.5.4
RESET OR WAKE-UP FROM SLEEP
The FSCM is designed to detect external oscillator or
external clock failures.
When FSCM is used with an external oscillator, the
Oscillator Start-up Timer (OST) count must expire
before the FSCM becomes active. The OST is used
after waking up from Sleep and after any type of Reset.
When the FSCM is used with external clocks, the OST
is not used and the FSCM will be active as soon as the
Reset or wake-up has completed.
When the FSCM is enabled, the Two-Speed Start-up is
also enabled. Therefore, the device will always be exe-
cuting code while the OST is operating.
FIGURE 5-10:
FSCM TIMING DIAGRAM
Note:
Due to the wide range of oscillator start-up
times, the Fail-Safe circuit is not active
during oscillator start-up (i.e., after exiting
Reset or Sleep).
OSFIF
System
Clock
Output
Sample Clock
Failure
Detected
Oscillator
Failure
Note:
The system clock is normally at a much higher frequency than the sample clock. The relative frequencies in
this example have been chosen for clarity.
(Q)
Test
Test
Test
Clock Monitor Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com