Electronic Components Datasheet Search
  English  ▼

X  

PIC16 Datasheet(PDF) 323 Page - Microchip Technology

Part # PIC16
Description  20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16 Datasheet(HTML) 323 Page - Microchip Technology

Back Button PIC16 Datasheet HTML 319Page - Microchip Technology PIC16 Datasheet HTML 320Page - Microchip Technology PIC16 Datasheet HTML 321Page - Microchip Technology PIC16 Datasheet HTML 322Page - Microchip Technology PIC16 Datasheet HTML 323Page - Microchip Technology PIC16 Datasheet HTML 324Page - Microchip Technology PIC16 Datasheet HTML 325Page - Microchip Technology PIC16 Datasheet HTML 326Page - Microchip Technology PIC16 Datasheet HTML 327Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 418 page
background image
 2011-2013 Microchip Technology Inc.
DS40001609C-page 323
PIC16(L)F1508/9
29.0 ELECTRICAL SPECIFICATIONS
29.1
Absolute Maximum Ratings(†)
Ambient temperature under bias...................................................................................................... -40°C to +125°C
Storage temperature ........................................................................................................................ -65°C to +150°C
Voltage on pins with respect to VSS
on VDD pin
PIC16F1508/9 ........................................................................................................... -0.3V to +6.5V
PIC16LF1508/9 ......................................................................................................... -0.3V to +4.0V
on MCLR pin ........................................................................................................................... -0.3V to +9.0V
on all other pins ............................................................................................................ -0.3V to (VDD + 0.3V)
Maximum current
on VSS pin(1)
-40°C
 TA  +85°C .............................................................................................................. 170 mA
-40°C
 TA  +125°C .............................................................................................................. 70 mA
on VDD pin(1)
-40°C
 TA  +85°C .............................................................................................................. 170 mA
-40°C
 TA  +125°C .............................................................................................................. 70 mA
on any I/O pin .....................................................................................................................................
25 mA
Clamp current, IK (VPIN < 0 or VPIN > VDD) ...................................................................................................
20 mA
Note 1:
Maximum current rating requires even load distribution across I/O pins. Maximum current rating may be
limited by the device package power dissipation characterizations, see Table 29-6: “Thermal
Characteristics” to calculate device specifications.
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure above maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com