Electronic Components Datasheet Search
  English  ▼

X  

PIC16 Datasheet(PDF) 372 Page - Microchip Technology

Part # PIC16
Description  20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16 Datasheet(HTML) 372 Page - Microchip Technology

Back Button PIC16 Datasheet HTML 368Page - Microchip Technology PIC16 Datasheet HTML 369Page - Microchip Technology PIC16 Datasheet HTML 370Page - Microchip Technology PIC16 Datasheet HTML 371Page - Microchip Technology PIC16 Datasheet HTML 372Page - Microchip Technology PIC16 Datasheet HTML 373Page - Microchip Technology PIC16 Datasheet HTML 374Page - Microchip Technology PIC16 Datasheet HTML 375Page - Microchip Technology PIC16 Datasheet HTML 376Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 418 page
background image
PIC16(L)F1508/9
DS40001609C-page 372
 2011-2013 Microchip Technology Inc.
FIGURE 30-33:
IPD, WATCHDOG TIMER (WDT), PIC16LF1508/9 ONLY
FIGURE 30-34:
IPD, WATCHDOG TIMER (WDT), PIC16F1508/9 ONLY
2.0
Max.
08
1.0
1.2
1.4
1.6
1.8
2.0
Max: 85°C + 3
Typical: 25°C
Typical
0.0
0.2
0.4
0.6
0.8
1.0
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
0.0
0.2
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
VDD (V)
Max
1.4
Typical
Max.
0.6
0.8
1.0
1.2
1.4
Typical
0.0
0.2
0.4
0.6
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Max: 85°C + 3
Typical: 25°C
0.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com