Electronic Components Datasheet Search
  English  ▼

X  

PIC16 Datasheet(PDF) 393 Page - Microchip Technology

Part # PIC16
Description  20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16 Datasheet(HTML) 393 Page - Microchip Technology

Back Button PIC16 Datasheet HTML 389Page - Microchip Technology PIC16 Datasheet HTML 390Page - Microchip Technology PIC16 Datasheet HTML 391Page - Microchip Technology PIC16 Datasheet HTML 392Page - Microchip Technology PIC16 Datasheet HTML 393Page - Microchip Technology PIC16 Datasheet HTML 394Page - Microchip Technology PIC16 Datasheet HTML 395Page - Microchip Technology PIC16 Datasheet HTML 396Page - Microchip Technology PIC16 Datasheet HTML 397Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 393 / 418 page
background image
 2011-2013 Microchip Technology Inc.
DS40001609C-page 393
PIC16(L)F1508/9
FIGURE 30-73:
HFINTOSC ACCURACY OVER TEMPERATURE, VDD = 1.8V,
PIC16LF1508/9 ONLY
FIGURE 30-74:
HFINTOSC ACCURACY OVER TEMPERATURE, 2.3V
 VDD 5.5V
Typical
Max.
Min.
-10%
-8%
-6%
-4%
-2%
0%
2%
4%
6%
8%
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
Max: Typical + 3
Typical: statistical mean
Min: Typical - 3
Typical
Max.
Min.
-10%
-8%
-6%
-4%
-2%
0%
2%
4%
6%
8%
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
Max: Typical + 3
Typical: statistical mean
Min: Typical - 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com