Electronic Components Datasheet Search
  English  ▼

X  

STF25N80K5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STF25N80K5
Description  N-channel 800 V, 0.19 typ., 19.5 A SuperMESH 5 Power MOSFET in D2PAK
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF25N80K5 Datasheet(HTML) 3 Page - STMicroelectronics

  STF25N80K5 Datasheet HTML 1Page - STMicroelectronics STF25N80K5 Datasheet HTML 2Page - STMicroelectronics STF25N80K5 Datasheet HTML 3Page - STMicroelectronics STF25N80K5 Datasheet HTML 4Page - STMicroelectronics STF25N80K5 Datasheet HTML 5Page - STMicroelectronics STF25N80K5 Datasheet HTML 6Page - STMicroelectronics STF25N80K5 Datasheet HTML 7Page - STMicroelectronics STF25N80K5 Datasheet HTML 8Page - STMicroelectronics STF25N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
DocID023466 Rev 2
3/22
STB25N80K5, STF25N80K5, STP25N80K5, STW25N80K5
Electrical ratings
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
D2PAK,
TO-220, TO-247
TO-220FP
VGS
Gate- source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
19.5
19.5(1)
1.
Limited by package.
A
ID
Drain current (continuous) at TC = 100 °C
12.3
12.3 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
78
78 (1)
A
PTOT
Total dissipation at TC = 25 °C
250
40
W
IAR
Max current during repetitive or single
pulse avalanche
(pulse width limited by Tjmax )
6.5
A
EAS
Single pulse avalanche energy
(starting TJ = 25 °C, ID=IAS, VDD= 50 V)
200
mJ
Viso
Insulation withstand voltage (RMS) from
all three leads to external heat sink
(t=1 s;TC=25 °C)
2500
V
dv/dt (3)
3.
ISD ≤ 19.5 A, di/dt ≤ 100 A/µs, VPeak ≤ V(BR)DSS
Peak diode recovery voltage slope
6
V/ns
Tj
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
TO-220 TO-247 D2PAK TO-220FP
Rthj-case
Thermal resistance junction-case max
0.5
3.1
°C/W
Rthj-amb
Thermal resistance junction-amb max
62.5
50
62.5
Rthj-pcb
(1)
1.
When mounted on 1inch² FR-4 board, 2 oz Cu.
Thermal resistance junction-pcb max
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com