Electronic Components Datasheet Search
  English  ▼

X  

STI24N60M2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STI24N60M2
Description  N-channel 600 V, 0.168 typ., 18 A MDmesh II Plus low Qg Power MOSFET in D2PAK
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI24N60M2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STI24N60M2 Datasheet HTML 2Page - STMicroelectronics STI24N60M2 Datasheet HTML 3Page - STMicroelectronics STI24N60M2 Datasheet HTML 4Page - STMicroelectronics STI24N60M2 Datasheet HTML 5Page - STMicroelectronics STI24N60M2 Datasheet HTML 6Page - STMicroelectronics STI24N60M2 Datasheet HTML 7Page - STMicroelectronics STI24N60M2 Datasheet HTML 8Page - STMicroelectronics STI24N60M2 Datasheet HTML 9Page - STMicroelectronics STI24N60M2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Electrical characteristics
STB24N60M2, STI24N60M2, STP24N60M2, STW24N60M2
6/22
DocID023964 Rev 4
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area for D2PAK, I2PAK
and TO-220
Figure 3. Thermal impedance D2PAK, I2PAK and
TO-220
AM15495v1
ID
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single
pulse
Figure 4. Safe operating area for TO-247
Figure 5. Thermal impedance for TO-247
Figure 6. Output characteristics
Figure 7. Transfer characteristics
ID
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single
pulse
AM15461v1
ID
30
20
10
0
0
10
VDS(V)
(A)
5
15
40
VGS= 4 V
VGS= 5 V
VGS= 7 V
VGS= 8, 9, 10 V
5
15
25
35
VGS= 6 V
20
AM15470v1
ID
15
10
5
0
0
4
VGS(V)
8
(A)
2
6
10
20
VDS= 17 V
25
30
35
40
AM15469v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com