Electronic Components Datasheet Search
  English  ▼

X  

USB0001WP Datasheet(PDF) 2 Page - AVX Corporation

Part # USB0001WP
Description  Multilayer Varistors for Universal Serial BUS Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

USB0001WP Datasheet(HTML) 2 Page - AVX Corporation

  USB0001WP Datasheet HTML 1Page - AVX Corporation USB0001WP Datasheet HTML 2Page - AVX Corporation USB0001WP Datasheet HTML 3Page - AVX Corporation USB0001WP Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
60
USB Series Varistor
Multilayer Varistors for Universal Serial BUS Protection
RATINGS
Air Discharge ESD
15kV
Contact Discharge ESD
8kV
Operating Temperature
–55°C to +125°C
Soldering Temperature
230°C
PERFORMANCE CHARACTERISTICS
USB TYPICAL S21 CHARACTERISTICS
AVX Part No.
VW (DC)
VW (AC)
VB
IL
ET
IP
Cap.
Case Size
Elements
USB0001_ _
≤18
≤14
120
2
0.015
4
10
0603
1
USB0002_ _
≤18
≤14
70
2
0.015
4
10
0405
2
USB0004_ _
≤18
≤14
100
2
0.015
4
10
0612
4
USB0005_ _
≤18
≤14
300
2
0.015
4
3
0402
1
USB0006_ _
≤18
≤14
65
2
0.015
4
6
0402
1
10000
1000
100
10
10
100
1000
10000
Pulse Duration (µS)
Typical Pulse Rating Curve
Termination Finish Code
Packaging Code
VW (DC)
DC Working Voltage (V)
VW (AC)
AC Working Voltage (V)
VB
Typical Breakdown Voltage (V @ 1mA
DC )
I
L
Maximum Leakage Current at the Working Voltage (μA)
E
T
Transient Energy Rating (J, 10x1000μS)
I
P
Peak Current Rating (A, 8x20μS)
Cap
Typical Capacitance (pF) @ 1 MHz and 0.5Vrms
-35
-30
-25
-20
-15
-10
-5
0
100
1000
10000
Frequency (MHz)
USB0001
USB0005
USB0006
USB0002
USB0004



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com