Electronic Components Datasheet Search
  English  ▼

X  

AD7859AS Datasheet(PDF) 5 Page - Analog Devices

Part # AD7859AS
Description  3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7859AS Datasheet(HTML) 5 Page - Analog Devices

  AD7859AS Datasheet HTML 1Page - Analog Devices AD7859AS Datasheet HTML 2Page - Analog Devices AD7859AS Datasheet HTML 3Page - Analog Devices AD7859AS Datasheet HTML 4Page - Analog Devices AD7859AS Datasheet HTML 5Page - Analog Devices AD7859AS Datasheet HTML 6Page - Analog Devices AD7859AS Datasheet HTML 7Page - Analog Devices AD7859AS Datasheet HTML 8Page - Analog Devices AD7859AS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD7859/AD7859L
REV. A
–5–
ABSOLUTE MAXIMUM RATINGS
1
(TA = +25°C unless otherwise noted)
AVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
DVDD to DGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
AVDD to DVDD . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
Analog Input Voltage to AGND . . . . –0.3 V to AVDD + 0.3 V
Digital Input Voltage to DGND . . . . –0.3 V to DVDD + 0.3 V
Digital Output Voltage to DGND . . . –0.3 V to DVDD + 0.3 V
REFIN/REFOUT to AGND . . . . . . . . . –0.3 V to AVDD + 0.3 V
Input Current to Any Pin Except Supplies
2 . . . . . . . .
±10 mA
Operating Temperature Range
Commercial (A, B Versions) . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
PQFP Package, Power Dissipation . . . . . . . . . . . . . . 450 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 95
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
PLCC Package, Power Dissipation . . . . . . . . . . . . . . 500 mW
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . . 55
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >1500 kV
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those listed in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2Transient currents of up to 100 mA will not cause SCR latchup.
TO OUTPUT
PIN
50pF
1.6mA
IOL
200µA
IOH
+2.1V
Figure 1. Load Circuit for Digital Output Timing
Specifications
ORDERING GUIDE
Linearity
Power
Error
Dissipation Package
Model
(LSB)
1
(mW)
Option
2
AD7859AP
±1
15
P-44A
AD7859AS
±1
15
S-44
AD7859BS
±1/2
15
S-44
AD7859LAS
3
±1
5.5
S-44
EVAL-AD7859CB
4
EVAL-CONTROL BOARD
5
NOTES
1Linearity error refers to the integral linearity error.
2P = PLCC; S = PQFP.
3L signifies the low power version.
4This can be used as a stand-alone evaluation board or in conjunction with the
EVAL-CONTROL BOARD for evaluation/demonstration purposes.
5This board is a complete unit allowing a PC to control and communicate with
all Analog Devices, Inc. evaluation boards ending in the CB designators.
For more information on Analog Devices products and evaluation boards, visit
our World Wide Web home page at http://www.analog.com.
PINOUT FOR PLCC
18
19
20
21
22
23
24
25
26
27
28
21
44
3
4
5
6
42
41
40
43
39
38
37
36
35
34
33
32
31
30
29
7
8
9
10
11
12
13
14
15
16
17
NC
W/B
REFIN/REFOUT
AVDD
CREF1
AIN0
CREF2
AGND
AIN1
AIN2
AIN3
DVDD
DGND
DB5
DB6
DB7
DB8/HBEN
DB9
DB10
DB11
NC
DB4
AD7859
(Not to Scale)
TOP VIEW
PINOUT FOR PQFP
6
7
1
2
3
4
5
8
9
10
11
23
24
25
26
27
28
29
30
31
32
33
AD7859
TOP VIEW
(Not to Scale)
PIN NO. 1 IDENTIFIER
NC
W/B
REFIN/REFOUT
AVDD
CREF1
AIN0
CREF2
AGND
AIN1
AIN2
AIN3
DVDD
DGND
DB5
DB6
DB7
DB8/HBEN
DB9
DB10
DB11
NC
DB4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com