Electronic Components Datasheet Search
  English  ▼

X  

ADP3302 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3302
Description  High Accuracy anyCAP?? 100 mA Low Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3302 Datasheet(HTML) 1 Page - Analog Devices

  ADP3302 Datasheet HTML 1Page - Analog Devices ADP3302 Datasheet HTML 2Page - Analog Devices ADP3302 Datasheet HTML 3Page - Analog Devices ADP3302 Datasheet HTML 4Page - Analog Devices ADP3302 Datasheet HTML 5Page - Analog Devices ADP3302 Datasheet HTML 6Page - Analog Devices ADP3302 Datasheet HTML 7Page - Analog Devices ADP3302 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADP3301
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1997
GENERAL DESCRIPTION
The ADP3301 is a member of the ADP330x family of precision
low dropout anyCAP™* voltage regulators. The ADP3301
stands out from the conventional LDOs with a novel architec-
ture, an enhanced process and a new package. Its patented
design includes a noninverting wideband driver and a stage that
permits the use of an internal “pole splitting” capacitor to
stabilize the feedback loop with a single output capacitor as
small as 0.47
µF. This device is stable with any type of capacitor
regardless of its ESR (Equivalent Serial Resistance) value,
including ceramic types (MLCC) for space restricted applica-
tions. The ADP3301 achieves exceptional accuracy of
±0.8% at
room temperature and
±1.4% overall accuracy over tempera-
ture, line and load regulations. The dropout voltage of the
ADP3301 is only 100 mV (typical) at 100 mA.
In addition to the new architecture and process, ADI’s new
proprietary thermally enhanced package (Thermal Coastline)
can handle 1 W of power dissipation without external heat sink
or large copper surface on the PC board. This keeps PC board
real estate to a minimum and makes the ADP3301 very
attractive for use in portable equipment.
High Accuracy anyCAP™*
100 mA Low Dropout Linear Regulator
FEATURES
High Accuracy (Over Line and Load Regulations
at +25 C):
0.8%
Ultralow Dropout Voltage: 100 mV Typical @ 100 mA
Requires Only CO = 0.47
F for Stability
anyCAP™* = Stable with All Types of Capacitors
Current and Thermal Limiting
Low Noise
Dropout Detector
Low Shutdown Current: 1
A
Several Fixed Voltage Options
3.0 V to 12 V Supply Range
–20 C to +85 C Ambient Temperature Range
Thermally Enhanced SO-8 Package
Excellent Line and Load Regulations
APPLICATIONS
Cellular Telephones
Notebook, Palmtop Computers
Battery Powered Systems
Portable Instruments
Post Regulator for Switching Supplies
Bar Code Scanners
The ADP3301 operates with a wide input voltage range from
3 V to 12 V and delivers a load current in excess of 100 mA. It
features an error flag that signals when the device is about to
lose regulation or when the short circuit or thermal overload
protection is activated. Other features include shutdown and
optional noise reduction capabilities. The ADP330x anyCAP™*
LDO family offers a wide range of output voltages and output
current levels from 50 mA to 300 mA:
ADP3300 (50 mA, SOT-23)
ADP3302 (100 mA, Dual Output)
ADP3304 (100 mA, Dual Output with Separate Grounds)
ADP3303 (200 mA)
ADP3306 (300 mA)
ADP3301-5.0
5
4
6
3
NR
OUT
IN
1
2
7
8
ERR
R1
330k
Ω
EOUT
C2
0.47µF
VOUT = +5V
ON
OFF
GND
C1
0.47µF
VIN
Figure 1. Typical Application Circuit
FUNCTIONAL BLOCK DIAGRAM
Q2
THERMAL
PROTECTION
Gm
Q1
CC
BANDGAP
REF
DRIVER
R1
R2
ADP3301
OUT
IN
ERR
SD
GND
*anyCAP is a trademark of Analog Devices Inc.


Similar Part No. - ADP3302

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3302 AD-ADP3302 Datasheet
125Kb / 8P
High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV.0
ADP3302 AD-ADP3302 Datasheet
303Kb / 8P
High Precision anyCAP??Dual Low Dropout Linear Regulator
REV.0
ADP3302 AD-ADP3302 Datasheet
125Kb / 8P
High Accuracy anyCAP??200 mA Low Dropout Linear Regulator
REV.A
ADP3302 AD-ADP3302 Datasheet
135Kb / 8P
High Accuracy anyCAP??Adjustable 200 mA Low Dropout Linear Regulator
REV.A
ADP3302 AD-ADP3302 Datasheet
382Kb / 9P
High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
More results

Similar Description - ADP3302

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3300 AD-ADP3300 Datasheet
129Kb / 8P
High Accuracy anyCAP 50 mA Low Dropout Linear Regulator
REV.A
ADP3301 AD-ADP3301 Datasheet
125Kb / 8P
High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV.0
ADP3307 AD-ADP3307 Datasheet
156Kb / 8P
High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV.0
ADP3303ARZ-5 AD-ADP3303ARZ-5 Datasheet
382Kb / 9P
High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3301AR-3.3 AD-ADP3301AR-3.3 Datasheet
84Kb / 8P
High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
ADP3301AR5 AD-ADP3301AR5 Datasheet
84Kb / 8P
High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
ADP3303ARZ-3 AD-ADP3303ARZ-3 Datasheet
382Kb / 9P
High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3301ARZ-3 AD-ADP3301ARZ-3 Datasheet
84Kb / 8P
High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
382Kb / 8P
High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
129Kb / 8P
High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com