Electronic Components Datasheet Search
  English  ▼

X  

AP2151 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP2151
Description  0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2151 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP2151 Datasheet HTML 5Page - Diodes Incorporated AP2151 Datasheet HTML 6Page - Diodes Incorporated AP2151 Datasheet HTML 7Page - Diodes Incorporated AP2151 Datasheet HTML 8Page - Diodes Incorporated AP2151 Datasheet HTML 9Page - Diodes Incorporated AP2151 Datasheet HTML 10Page - Diodes Incorporated AP2151 Datasheet HTML 11Page - Diodes Incorporated AP2151 Datasheet HTML 12Page - Diodes Incorporated AP2151 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
AP2141/AP2151
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2141/AP2151 Rev. 6
9 of 19
JUNE 2009
DS31562
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
(Continued)
Supply Current, Output Enabled vs Ambient Temperature
30
35
40
45
50
55
60
65
-60
-40
-20
0
20
40
60
80
100
Ambient Temperature (°C)
Supply Current, Output Disabled vs Ambient Temperature
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
-45
-25
-5
15
35
55
75
95
Ambient Temperature (°C)
Static Drain-Source On-State Resistance vs Ambient
Temperature
100
110
120
130
140
150
160
170
180
190
200
-60
-40
-20
0
20
40
60
80
100
Ambient Temperature (°C)
Short-Circuit Output Current vs Ambient Temperature
630
640
650
660
670
680
690
700
710
-60
-40
-20
0
20
40
60
80
100
Ambient Temperature (°C)
Undervoltage Lockout vs Ambient Temperature
1.95
1.96
1.97
1.98
1.99
2.00
2.01
2.02
2.03
2.04
2.05
-60
-40
-20
0
20
40
60
80
100
Ambient Temperature (°C)
Threshold Trip Current vs Input Voltage
1.10
1.11
1.12
1.13
1.14
1.15
2.83.3
3.84.3
4.8
5.3
Input Voltage (V)
Vin=2.7V
Vin=3.3V
Vin=5V
Vin=2.7V
Vin=3.3V
Vin=5.0V
Vin=5.5V
UVLO Falling
UVLO Rising
Vin=2.7V
Vin=5.0V
Vin=3.3V
Vin=5.5V
Vin=5.0V
Vin=5.5V
Vin=3.3V
Vin=2.7V
TA=25°C
CL=22uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com