Electronic Components Datasheet Search
  English  ▼

X  

AK1221 Datasheet(PDF) 13 Page - Asahi Kasei Microsystems

Part # AK1221
Description  3500MHz High Linearity Mixer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK1221 Datasheet(HTML) 13 Page - Asahi Kasei Microsystems

Back Button AK1221 Datasheet HTML 9Page - Asahi Kasei Microsystems AK1221 Datasheet HTML 10Page - Asahi Kasei Microsystems AK1221 Datasheet HTML 11Page - Asahi Kasei Microsystems AK1221 Datasheet HTML 12Page - Asahi Kasei Microsystems AK1221 Datasheet HTML 13Page - Asahi Kasei Microsystems AK1221 Datasheet HTML 14Page - Asahi Kasei Microsystems AK1221 Datasheet HTML 15Page - Asahi Kasei Microsystems AK1221 Datasheet HTML 16Page - Asahi Kasei Microsystems AK1221 Datasheet HTML 17Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
[AK1221]
MS1400-E-02
13
2013/05
5.
IF input frequency vs. IIP3, NF, Gain
10
12
14
16
18
20
22
24
26
28
30
20
40
60
80
100
120
140
160
180
200
IF [MHz]
12
13
14
15
16
17
18
19
20
20
40
60
80
100
120
140
160
180
200
IF [MHz]
5
6
7
8
9
10
11
12
13
14
15
20
40
60
80
100
120
140
160
180
200
IF [MHz]
-5
-4
-3
-2
-1
0
1
2
3
4
5
20
40
60
80
100
120
140
160
180
200
IF [MHz]
Fig. 8
IF input frequency vs. IIP3, NF, Gain
Resistance for current adjustment
22kohm
33kohm
56kohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com