Electronic Components Datasheet Search
  English  ▼

X  

MP2674 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2674
Description  Li-Ion Battery Charger Protection Circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2674 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2674 Datasheet HTML 1Page - Monolithic Power Systems MP2674 Datasheet HTML 2Page - Monolithic Power Systems MP2674 Datasheet HTML 3Page - Monolithic Power Systems MP2674 Datasheet HTML 4Page - Monolithic Power Systems MP2674 Datasheet HTML 5Page - Monolithic Power Systems MP2674 Datasheet HTML 6Page - Monolithic Power Systems MP2674 Datasheet HTML 7Page - Monolithic Power Systems MP2674 Datasheet HTML 8Page - Monolithic Power Systems MP2674 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MP2674 – CHARGE SYSTEM PROTECTION CIRCUIT
MP2674 Rev. 0.9
www.MonolithicPower.com
5
11/8/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=5V, RILIM=24.9kΩ, RVB=200kΩ, R F L T =100kΩ, TA=25
oC, unless otherwise noted.
VIN
2V/div.
VOUT
2V/div.
IOUT
200mA/div.
IOUT
200mA/div.
VIN
5V/div.
VIN
2V/div.
VBAT
5V/div.
VOUT
2V/div.
FLT
5V/div.
VIN
VBAT
Input OVP
VIN Steps from 5V to 20V
without Load
Input OVP
Ramp Up VIN Slowly
without Load
Input OVP Start Up
Ramp Up VIN Slowly from 0V to 6.6V
without Load
VB
2V/div.
Battery OVP
No Load, Shut Dwon Permanently
after 16 Times
OCP Before Start Up
Shut Dwon Permanently after 16 Times
Zoom In of OCP
Before Start Up
FLT
5V/div.
VIN
2V/div.
VOUT
2V/div.
FLT
5V/div.
IOUT
500mA/div.
VIN
2V/div.
VOUT
2V/div.
FLT
5V/div.
IOUT
500mA/div.
VIN
2V/div.
VOUT
2V/div.
FLT
5V/div.
IOUT
200mA/div.
VIN
2V/div.
VOUT
2V/div.
FLT
5V/div.
IOUT
200mA/div.
VOUT
2V/div.
FLT
5V/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com