Electronic Components Datasheet Search
  English  ▼

X  

MP2905EK Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2905EK
Description  3V-28V Input, Hysteretic Synchronous Step-Down Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2905EK Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2905EK Datasheet HTML 1Page - Monolithic Power Systems MP2905EK Datasheet HTML 2Page - Monolithic Power Systems MP2905EK Datasheet HTML 3Page - Monolithic Power Systems MP2905EK Datasheet HTML 4Page - Monolithic Power Systems MP2905EK Datasheet HTML 5Page - Monolithic Power Systems MP2905EK Datasheet HTML 6Page - Monolithic Power Systems MP2905EK Datasheet HTML 7Page - Monolithic Power Systems MP2905EK Datasheet HTML 8Page - Monolithic Power Systems MP2905EK Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MP2905- 3V to 28V INPUT, HYSTERETIC SYNCHRONOUS STEP-DOWN CONTROLLER
MP2905 Rev. 0.91
www.monolithicpower.com
2
4/18/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011. All Rights Reserved.
ORDERING INFORMATION
*For Tape & Reel, add suffix –Z (eg. MP2905EK–Z).
For RoHS compliant packaging, add suffix –LF (eg. MP2905EK–LF–Z)
PACKAGE REFERENCE
FB
SS
REF
GND
LG
1
2
3
4
5
10
9
8
7
6
ILIM
IN
HG
SW
BST
TOP VIEW
ABSOLUTE MAXIMUM RATINGS (1)
IN to GND ……... ….. …............-0.3V to +30V
REF to GND …………................-0.3V to +6.5V
IN to REF ……........ …................-0.3V to +25V
SS to GND …………..….. -0.3V to (REF + 0.3V)
LG to GND …………….. -0.3V to (REF + 0.3V)
BST to GND…………………….. -0.3V to 36.5V
BST to SW……………..…….….-0.3V to + 6.5V
SW to GND………..………….….-0.3V to +30V
HG to SW …………..….-0.3V to (BST + 0.3) V
FB to GND……………………..…-0.3V to +6.5V
ILIM to GND ......... …..........-0.3V to (IN + 0.3V)
ILIM to SW ………………….-0.6V to (IN + 0.3V)
HG and LG continuous current...±250mA RMS
Continuous Power Dissipation (TA = +25°C)
(2)
……………………………………………….0.77W
Junction Temperature.............................+140°C
Storage Temperature Range
. ……….....................................-65°C to +150°C
Lead Temperature (soldering, 10s)
……........................................................+300°C
Recommended Operating Conditions
(3)
Supply Voltage VIN.............................. 3V to 28V
Operating Temperature .............–20
°C to +85°C
Thermal Resistance
(4)
θJA
θJC
MSOP10-EP ............................. 150 65
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature. TJ(MAX) the junction-to-
ambient thermal resistance.
θJA and the ambient temperature,
TA the maximum allowable power dissipation at any ambient
temperature is calculated using: PD(MAX)=(TJ(MAX)-TA)/ θJA.
Exceeding the maximum allowable power dissipation will
cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage. Thermal
shutdown engages at TJ=140
oC(TYP) and disengages at
TJ=120
oC(TYP)
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7 4-layer board.
Part Number*
Package
Top Marking
Temperature
MP2905EK
MSOP10
2905E
–20
°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com