Electronic Components Datasheet Search
  English  ▼

X  

2SC4098 Datasheet(PDF) 1 Page - Rohm

Part # 2SC4098
Description  High-frequency Amplifier Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC4098 Datasheet(HTML) 1 Page - Rohm

  2SC4098 Datasheet HTML 1Page - Rohm 2SC4098 Datasheet HTML 2Page - Rohm 2SC4098 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2
www.rohm.com
○
c
2010 ROHM Co., Ltd. All rights reserved.
2010.04 - Rev.C
High-frequency Amplifier Transistor
(25V, 50mA, 300MHz)
2SC5659 / 2SC4618 / 2SC4098 / 2SC2413K
Features
Dimensions (Unit : mm)
1) Low collector capacitance. (Cob : Typ. 1.3pF)
2) Low rbb, high gain, and excellent noise characteristics.
Absolute maximum ratings (Ta=25
C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Limits
40
25
5
50
150
−55 to +150
Unit
V
V
V
mA
0.2
0.15
2SC4098, 2SC2413K
2SC5659, 2SC4618
W
˚C
˚C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector
power
dissipation
Junction temperature
Storage temperature
Packaging specifications and hFE
Type
2SC4618
EMT3
TL
3000
2SC4098
UMT3
T106
3000
2SC2413K
SMT3
T146
3000
P
P
P
P
A
∗
2SC5659
VMT3
T2L
8000
A
∗
A
∗
A
∗
∗ Denotes hFE
Package
hFE
Code
Basic ordering unit
(pieces)
Marking
Electrical characteristics (Ta=25
C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCBO
BVCEO
BVEBO
ICBO
IEBO
fT
Cob
40
25
5
−
−
150
−
−
−
−
−
−
300
1.3
−
−
−
0.5
0.5
−
2.2
V
V
V
μA
μA
MHz
pF
IC=50
μA
IC=1mA
IE
=50
μA
VCB
=24V
VEB
=3V
VCE(sat)
−
0.1
0.3
V
IC/IB
=10mA/1mA
hFE
−
82
180
−
VCE
=6V, IC=1mA
VCE=6V, IE=
−1mA, f=100MHz
VCB
=6V, IE=0A, f=1MHz
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Transition frequency
Output capacitance
Collector-emitter saturation voltage
DC current transfer ratio
2SC4618
ROHM : EMT3
EIAJ : SC-75A
(3) Collector
(1) Emitter
(2) Base
0.1Min.
1.6
0.8
(2)
(3)
(1)
2SC4098
ROHM : UMT3
EIAJ : SC-70
(3) Collector
(1) Emitter
(2) Base
Each lead has same dimensions
1.25
2.1
0.1to0.4
2SC2413K
ROHM : SMT3
EIAJ : SC-59
(3) Collector
(1) Emitter
(2) Base
Each lead has same dimensions
0.3to0.6
2.8
1.6
2SC5659
ROHM : VMT3
(1) Base
(3) Collector
(2) Emitter
(3)
1.2
0.8
0.2
0.15Max.
0.2
(2)
(1)


Similar Part No. - 2SC4098

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4098 ROHM-2SC4098 Datasheet
80Kb / 4P
High-frequency Amplifier Transistor(25V, 50mA, 300MHz)
2SC4098 ROHM-2SC4098 Datasheet
147Kb / 3P
High-frequency Amplifier Transistor (25V, 50mA, 300MHz)
logo
Guangdong Kexin Industr...
2SC4098 KEXIN-2SC4098 Datasheet
45Kb / 1P
High-frequency Amplifier Transistor
logo
SeCoS Halbleitertechnol...
2SC4098 SECOS-2SC4098 Datasheet
83Kb / 1P
NPN Plastic-Encapsulate Transistor
logo
Shenzhen Jin Yu Semicon...
2SC4098 HTSEMI-2SC4098 Datasheet
407Kb / 1P
TRANSISTOR (NPN)
More results

Similar Description - 2SC4098

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC3838 UTC-2SC3838 Datasheet
88Kb / 2P
HIGH-FREQUENCY AMPLIFIER TRANSISTOR
logo
Guangdong Kexin Industr...
2SC3838K KEXIN-2SC3838K Datasheet
38Kb / 1P
High-Frequency Amplifier Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2SC2058 SEMTECH_ELEC-ST2SC2058 Datasheet
138Kb / 2P
High-frequency Amplifier Transistor
logo
Unisonic Technologies
2SC3838 UTC-2SC3838_11 Datasheet
134Kb / 2P
HIGH-FREQUENCY AMPLIFIER TRANSISTOR
logo
Leshan Radio Company
L2SC4083PWT1G LRC-L2SC4083PWT1G_11 Datasheet
150Kb / 2P
High-Frequency Amplifier Transistor
L2SC4083QWT1G LRC-L2SC4083QWT1G Datasheet
153Kb / 2P
High-Frequency Amplifier Transistor
L2SC3356WT1G LRC-L2SC3356WT1G_15 Datasheet
173Kb / 4P
High frequency Amplifier Transistor
L2SC4083QWT1G LRC-L2SC4083QWT1G_15 Datasheet
186Kb / 2P
High-Frequency Amplifier Transistor
logo
Unisonic Technologies
2SC3838 UTC-2SC3838_15 Datasheet
154Kb / 3P
HIGH-FREQUENCY AMPLIFIER TRANSISTOR
logo
Leshan Radio Company
L2SC3837DW1T1 LRC-L2SC3837DW1T1 Datasheet
53Kb / 2P
High-Frequency Amplifier Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com