Electronic Components Datasheet Search
  English  ▼

X  

MP3209DJ Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3209DJ
Description  1.4MHz, 350mA Boost Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3209DJ Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3209DJ Datasheet HTML 1Page - Monolithic Power Systems MP3209DJ Datasheet HTML 2Page - Monolithic Power Systems MP3209DJ Datasheet HTML 3Page - Monolithic Power Systems MP3209DJ Datasheet HTML 4Page - Monolithic Power Systems MP3209DJ Datasheet HTML 5Page - Monolithic Power Systems MP3209DJ Datasheet HTML 6Page - Monolithic Power Systems MP3209DJ Datasheet HTML 7Page - Monolithic Power Systems MP3209DJ Datasheet HTML 8Page - Monolithic Power Systems MP3209DJ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MP3209 – 1.4MHZ, 350mA BOOST CONVERTER
MP3209 Rev. 0.941
www.MonolithicPower.com
2
11/30/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PACKAGE REFERENCE
Part Number*
Package
Temperature
MP3209DJ
TSOT23-5
–40°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP3209DJ–Z)
For RoHS Compliant Packaging, add suffix –LF
(Egg. MP3209DJ–LF–Z)
ABSOLUTE MAXIMUM RATINGS (1)
SW Pin...........................................–0.3V to 25V
All Other Pins................................–0.3V to 6.5V
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature.............. –65°C to +150°C
TOP VIEW
GND
IN
NC
EN
1
2
3
4
SW
NC
FB
GND
8
7
6
5
Exposed pad connect to GND
Part Number*
Package
Temperature
MP3209DGU
2x2 UTQFN
–40°C to +85°C
* For Tape & Reel, add suffix –Z (egg. MP3209DGU–Z)
For RoHS Compliant Packaging, add suffix –LF
(Egg. MP3209DGU–LF–Z)
Recommended Operating Conditions
(2)
Supply Voltage VIN............................. 2.5V to 6V
Output Voltage VOUT ........................... 3V to 22V
Operating Temperature .............–40°C to +85°C
Thermal Resistance
(3)
θJA
θJC
TSOT23-5.............................. 220 .... 110..
°C/W
2x2 UTQFN ............................ 80 ...... 12...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating range.
3) Measured on approximately 1” square of 1oz. copper.
ELECTRICAL CHARACTERISTICS
VIN = VEN = 5V, TA = +25°C unless otherwise specified.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Operating Input Voltage
VIN
2.5
6
V
UVLO Ramp Up
VIN-UVLO
2.25
2.45
V
UVLO Hysteresis
92
mV
Supply Current (Shutdown)
VEN = 0V
0.1
1
µA
Supply Current (Quiescent)
VFB = 1.3V
635
850
µA
Switching Frequency
fSW
1.15
1.4
1.65
MHz
Maximum Duty Cycle
VFB = 0V
80
85
%
EN Threshold
VEN Rising, VIN=2.5V
1.0
1.3
1.6
V
EN Hysteresis
100
mV
SW
GND
FB
1
2
3
5
4
IN
EN
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com