Electronic Components Datasheet Search
  English  ▼

X  

MP3214DQ Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3214DQ
Description  500mA LED Camera Flash Charge Pump
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3214DQ Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3214DQ Datasheet HTML 1Page - Monolithic Power Systems MP3214DQ Datasheet HTML 2Page - Monolithic Power Systems MP3214DQ Datasheet HTML 3Page - Monolithic Power Systems MP3214DQ Datasheet HTML 4Page - Monolithic Power Systems MP3214DQ Datasheet HTML 5Page - Monolithic Power Systems MP3214DQ Datasheet HTML 6Page - Monolithic Power Systems MP3214DQ Datasheet HTML 7Page - Monolithic Power Systems MP3214DQ Datasheet HTML 8Page - Monolithic Power Systems MP3214DQ Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MP3214 – 500mA LED CAMERA FLASH CHARGE PUMP
MP3214 Rev. 1.01
www.MonolithicPower.com
2
6/24/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP3214DQ
QFN16 (3 x 3mm)
2F
-40
°C to +85°C
* For Tape & Reel, add suffix –Z (g. MP3214DQ–Z).
For RoHS compliant packaging, add suffix –LF (e.g. MP3214DQ–LF–Z)
PACKAGE REFERENCE
TOP VIEW
EXPOSED PAD
CONNECT TO PIN 5, 9
PIN 1 ID
CP
C2B
C1B
C1A
NC
ISET
TOE
GND
1
2
3
4
13
14
15
16
8
7
6
5
EN
VIN
C2A
GND
NC
IOUT
IOUT
NC
12
11
10
9
ABSOLUTE MAXIMUM RATINGS (1)
All Other Pins...............................-0.3V to +6.5V
Continuous Power Dissipation (TA = +25°C)
(2)
………………………………………………....2.1W
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature............... -65°C to +150°C
Supply Voltage VIN............................2.5V to 6V
Recommended Operating Conditions
(2)
Supply Voltage VIN ..........................2.7V to 5.5V
Maximum Junction Temp. (TJ) ................+125°C
Thermal Resistance
(3)
θJA
θJC
QFN16 (3 x 3mm) ...................60 ...... 12 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com