Electronic Components Datasheet Search
  English  ▼

X  

AA107-310 Datasheet(PDF) 1 Page - Alpha Industries

Part # AA107-310
Description  GaAs IC 5 Bit Digital Attenuator With Serial-to-Parallel Driver DC-2 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AA107-310 Datasheet(HTML) 1 Page - Alpha Industries

  AA107-310 Datasheet HTML 1Page - Alpha Industries AA107-310 Datasheet HTML 2Page - Alpha Industries AA107-310 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 3/01A
GaAs IC 5 Bit Digital Attenuator With
Serial-to-Parallel Driver DC–2 GHz
Features
I Positive Voltage Operation (+5 V)
I MLF 5 x 5 mm Leadless Package
I Integrated Silicon Serial-to-Parallel Driver
I Attenuation 0.5 dB Steps to 15.5 dB
MLF 5 x 5 (-310)
AA107-310
Description
The AA107-310 is a GaAs FET IC 5 bit digital attenuator
with a serial-to-parallel driver packaged in a 32 leadless
exposed pad plastic package. It is particularly suited at IF
frequencies where high attenuation accuracy, low insertion
loss and low intermodulation products are required. Typical
applications include base station, wireless and RF data and
wireless local loop gain control circuits.
Parameter1
Condition
Frequency2
Min.
Typ.
Max.
Unit
Insertion Loss3
DC–1.0 GHz
1.4
1.7
dB
DC–2.0 GHz
1.7
2.2
dB
Attenuation Range4, 5
15.5
dB
Attenuation Accuracy4, 5
DC–1.0 GHz
± (0.2 + 3% of
Attenuation Setting in dB)
dB
DC–2.0 GHz
± (0.4 + 3% of
Attenuation Setting in dB)
dB
VSWR (I/O)
DC–2.0 GHz
1.4:1
1.8:1
Switching Characteristics6
Rise, Fall (10/90% or 90/10% RF)
50
ns
On, Off (50% CTL to 90/10% RF)
100
ns
Video Feedthru
50
mV
Input Power for 1 dB Compression
0.50–2.0 GHz
+24
+29
dBm
0.05 GHz
+17
+22
dBm
Intermodulation Intercept Point (IP3)
For Two-tone Input Power +5 dBm
0.50–2.0 GHz
+44
+50
dBm
0.05 GHz
+35
+40
dBm
Control Voltages
VLow = 0 to 0.2 V @ 20 µA Max.
VHigh = -5 V @ 300 µA Max.
Electrical Specifications at 25°C (VCC = +5 V)
0.001
(0.025 mm)
0.039 (1.00 mm) MAX.
SEATING
PLANE
12˚ MAX.
0.197 (5.00 mm) BSC
0.197
(5.00 mm)
BSC
1
32
0.187
(4.75 mm) BSC
0.187
(4.75 mm)
BSC
PIN 1
INDICATOR
0.122 (3.10 mm)
± 0.006 (0.15 mm)
0.122 (3.10 mm)
± 0.006 (0.15 mm)
32
1
0.138 (3.50 mm) REF.
0.138
(3.50 mm) REF.
0.019 (0.50 mm) BSC
Preliminary
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input Voltage High
VIH (1)
3.5
5.0
V
Input Voltage Low
VIL (0)
0
0.5
V
Input Leakage Current
IL
±0.5
µA
Quiescent Current
ICC
500
µA
Supply Voltages
VCC
5.0
V
DC Electrical Characteristics at 25°C (VCC = +5 V)
1. All measurements made in a 50
Ω system, unless otherwise specified.
2. DC = 300 kHz.
3. Insertion loss changes by 0.003 dB/°C.
4. Attenuation value referenced above insertion loss.
5. Exposed pad must be connected to RF ground to obtain specified attenuation.
6. Video feedthru measured with 1 ns risetime pulse and 500 MHz bandwidth.


Similar Part No. - AA107-310

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AA107-310 SKYWORKS-AA107-310 Datasheet
159Kb / 6P
GaAs IC 5-Bit Digital Attenuator with Serial-to-Parallel Driver 300 kHz-2 GHz
AA107-310LF SKYWORKS-AA107-310LF Datasheet
159Kb / 6P
GaAs IC 5-Bit Digital Attenuator with Serial-to-Parallel Driver 300 kHz-2 GHz
More results

Similar Description - AA107-310

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA109-310 ALPHA-AA109-310 Datasheet
77Kb / 3P
GaAs IC 5 Bit Digital Attenuator With Serial-to-Parallel Driver 0.5-2.5 GHz
AA110-85 ALPHA-AA110-85 Datasheet
35Kb / 2P
GaAs IC 5 Bit Digital Attenuator with Driver 1 dB LSB Positive Control DC-2 GHz
AA260-85 ALPHA-AA260-85 Datasheet
162Kb / 5P
GaAs IC 5 Bit Digital Attenuator 1 dB LSB DC-2 GHz
AA280-25 ALPHA-AA280-25 Datasheet
467Kb / 5P
GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB DC-2 GHz
logo
Tyco Electronics
MADA2030G MACOM-MADA2030G Datasheet
98Kb / 2P
5-Bit GaAs Digital Attenuator DC - 2 GHz
logo
Skyworks Solutions Inc.
AA117-85 SKYWORKS-AA117-85 Datasheet
947Kb / 6P
GaAs IC 5 Bit Digital Attenuator with Driver 1 dB LSB Positive Control DC-2 GHz
AA107-310 SKYWORKS-AA107-310 Datasheet
159Kb / 6P
GaAs IC 5-Bit Digital Attenuator with Serial-to-Parallel Driver 300 kHz-2 GHz
AA109-310 SKYWORKS-AA109-310 Datasheet
172Kb / 6P
GaAs IC 5-Bit Digital Attenuator With Serial-to-Parallel Driver 0.5-2.5 GHz
AA110-85 SKYWORKS-AA110-85 Datasheet
791Kb / 8P
GaAs IC 5-Bit Digital Attenuator with Driver 1 dB LSB Positive Control DC-2 GHz
SKY12334-362LF SKYWORKS-SKY12334-362LF Datasheet
990Kb / 10P
GaAs 5 Bit Digital Attenuator, 5-Bits, 0.5 dB LSB with Serial-to-Parallel Driver 0.7 - 4 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com